Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER31SP Datasheet HTML 6Page - STMicroelectronics VIPER31SP Datasheet HTML 7Page - STMicroelectronics VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics VIPER31SP Datasheet HTML 10Page - STMicroelectronics VIPER31SP Datasheet HTML 11Page - STMicroelectronics VIPER31SP Datasheet HTML 12Page - STMicroelectronics VIPER31SP Datasheet HTML 13Page - STMicroelectronics VIPER31SP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OPERATION DESCRIPTION :
This device is intended to be used in off line
AC/DC
adapter
where
the
desired
output
characteristic
must
present
a
rectangular
characteristic. For output voltage values lower
than a fixed value, the average output current
must be constant, whatever are the input or
output voltages. If the output current consumed
by the load is lower than the previous constant
current value, the output voltage value must be
limited. In addition, the device provides protection
against output short circuits and overtemperature
events.
The two modes of operation are described in the
following paragraphs. Figure 10 presents a typical
application of which the output characteristic can
be seen on figure 11.
CONSTANT OUTPUT CURRENT
The power topology to be used with this device is
a simple discontinuous flyback, as shown on
figure 10. The average output current of such a
topology cannot be easily kept constant, as it
depends on the output voltage. Actually, if the
peak primary current is fixed, the converter
behaves as a constant power generator.
Therefore, a modulation of the peak primary
current versus output voltage must be done in
order
to
get
the
constant
output
current
characteristic. A conventional way consists to use
an optocoupler between primary and secondary,
with
additional circuitry
on
secondary side
(Reference, error amplifier and current sense
resistor).
This device avoids the use of all the secondary
circuitry by controlling from primary side the
secondary average output current. Figure 12
presents the internal constitution of the current
control function. It is built around a constant
current source Iref, and a mosfet switch driven
with the complemented signal EOD, in series with
a resistance R. The middle point of these
elements is available on the CREF pin.
The
EOD
signal
is
generated
by
the
demagnetisation function, which is monitoring the
voltage of the main transformer auxiliary winding.
Figure 12: Constant Current Operation
R
R2
RS
C
R1
D2
D1
C1
IOUT
GND
C2
Iref
VIPer31
Oscillator
Demag.
R
Q
PWM
Latch
-
+
Ic
Ip
Is
n
T
EOD
Uc
VCC
DSENSE
DRAIN
SOURCE
CS ENSE
CREF
GND
+Vin
Tsw
Ip
Is
EOD
Ic
tonsec
t
t
t
t
VCREF
RS
VCREF
RS
n.
1
0
Iref
Iref -
Uc
R
SC12140
VIPer31SP
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com