Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER31SP Datasheet HTML 1Page - STMicroelectronics VIPER31SP Datasheet HTML 2Page - STMicroelectronics VIPER31SP Datasheet HTML 3Page - STMicroelectronics VIPER31SP Datasheet HTML 4Page - STMicroelectronics VIPER31SP Datasheet HTML 5Page - STMicroelectronics VIPER31SP Datasheet HTML 6Page - STMicroelectronics VIPER31SP Datasheet HTML 7Page - STMicroelectronics VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ELECTRICAL CHARACTERISTICS (continued)
ERROR AMPLIFIER SECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VREF
Reference Voltage
ICOMP =0 mA
TJ =25
oC
TBD
2.6
T BD
V
∆VREF
Temperaure Variation
TBD
T BD
%
GBW
Unity G ain Bandwidth
(see f ig. 4)
400
KHz
AVOL
Open Loop Voltage
Gain
(see f ig. 4)
TBD
50
dB
IFB
Input Bias Current
VFB =5 V
2.5
5
µA
VCOMP LO Output Low Level
ICOMP =-100
µAVFB =5 V
1V
VCOMP HI
Output High Level
ICOMP = 100
µAVFB =0 V
9V
ICOMP LO
Output Low Current
Capability
VCOMP =5 V
VFB =5 V
3.5
mA
ICOMP HI
Output High Current
Capability
VCOMP =5 V
VFB =0 V
-3. 5
mA
CURRENT REGULATION SECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VREG
Reference Voltage
(see f ig. 5)
320
350
380
mV
td
Current Sense Delay
to Turn-off
(See f ig 1)
350
ns
VDSENSEth
Demagnetization
Detector Threshold
Voltage
(see f ig. 6)
2.6
V
VDSENSEcl
Demagnetization
Detector Clamping
Voltage
IDSENSE = 10 mA
(see f ig. 6)
6
V
PROTECTION SECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
IDlim
Peak Drain Current
Limit ation
RS =0
(see fig. 9)
12.5
A
tb
Current Limitation
Blanking T ime
RS =0
(see fig. 9)
1.2
µs
VCClim
VCC Overvolt age
Threshold
VFB = 0 V
(see fig. 7)
26
35
V
VCChyst
VCC Overvoltage
Hysteresis
VFB = 0 V
(see fig. 7)
2
V
TSD
Thermal Shutdown
Temperat ure
(see f ig. 8)
150
oC
TSDhyst
Thermal Shutdown
Hysteresis
(see f ig. 8)
TBD
oC
VIPer31SP
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com