Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 2 Page - STMicroelectronics

  VIPER31SP Datasheet HTML 1Page - STMicroelectronics VIPER31SP Datasheet HTML 2Page - STMicroelectronics VIPER31SP Datasheet HTML 3Page - STMicroelectronics VIPER31SP Datasheet HTML 4Page - STMicroelectronics VIPER31SP Datasheet HTML 5Page - STMicroelectronics VIPER31SP Datasheet HTML 6Page - STMicroelectronics VIPER31SP Datasheet HTML 7Page - STMicroelectronics VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATING
Symb ol
Parameter
Value
Uni t
VDS
Continuous Drain-Source Voltage (T j = 25 to 125
oC)
600
V
ID
Maximum DC Drain Current
I nternally Limit ed
A
IDREV
Reverse DC Drain Current
-2. 5
A
VCC
Supply Voltage
0 t o 35
V
VX
Voltage Range I nput (CSENSE, COMP, F B, OSC, CREF)
-03 to VDD
V
IX
Current Input (CSENSE, CO MP, F B, O SC, CREF
10
mA
IDSENSE
Current Range Input (DSENSE)
-10 to +10
mA
Vesd
Elect rostatic Discharge (R = 1.5 K
Ω C= 100pF)
2000
V
ID(AV)
Avalanche Drain-Source Current , Repet itive or Not-Repetitive
(TC =100
oC, Pulse Width Limited by TJ max)
TBD
A
ED(AV)
Avalanche Drain-Source Energy, Repet itive or Not-Repetitive
(TC =25
oC, Pulse Width Limited by TJ max)
TBD
mJ
Ptot
Power Dissipat ion at TC =25
oC62
W
Tj
Junct ion O perating Temperature
-40 t o 150
oC
Tstg
Storage Temperature
-65 t o 150
oC
THERMAL DATA
Rthj-ca se
Thermal Resist ance Junction-case
Max
2.0
oC/W
Rth j-a mb.
Thermal Resist ance Junction-ambient (Note1)
Max
50
oC/W
Note 1 : This thermal resistance corresponds to the standard mounting on a FR4 type printed circuit board.
CURRENT AND VOLTAGE CONVENTIONS
SC12020
VIPer31
2.6V
-
+
VOLTAGE CONTROL
CURRENT
CONTROL
SOURCE
DRAIN
DSENSE
CSENSE
CREF
COMP
FB
VCC
VDD
OSC
111
5
7
4
9
3
GND
10
6
8
2
RS
VCOMP
VFB
VCC
VDD
VOSC
VCREF
VCSENSE
VSOURCE
VDRAIN VDSENSE
ICOMP
IFB
ICC
IDD
IOSC
ICREF
ICSENSE
IDRAIN
IDSENSE
ISOURCE
VIPer31SP
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com