Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER31SP Datasheet HTML 1Page - STMicroelectronics VIPER31SP Datasheet HTML 2Page - STMicroelectronics VIPER31SP Datasheet HTML 3Page - STMicroelectronics VIPER31SP Datasheet HTML 4Page - STMicroelectronics VIPER31SP Datasheet HTML 5Page - STMicroelectronics VIPER31SP Datasheet HTML 6Page - STMicroelectronics VIPER31SP Datasheet HTML 7Page - STMicroelectronics VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
VIPer31SP
BATTERY CHARGER PRIMARY I.C.
ADVANCE DATA
January 1998
BLOCK DIAGRAM
SC12000
R3
R4
R2
R1
Q
PWM
LATCH
FF
OSCILLATOR
10 V
REGULATOR
UVLO
LOGIC
+
-
29 V
OVERTEMP.
DETECTOR
2.6 V
+
-
-
+
ON/OFF
CURRENT
REGULATION
-+
200 ns
BLANKING
+
-
1.5 A
VCC
VDD
GND
CREF
CSENSE
DSENSE
SOURCE
DRAIN
OSC
COMP
FB
T YPE
VDSS
In
RDS(on)
VI Per31SP
600 V
1 A
6.5
Ω
FEATURE
s
RECTANGULAR CHARACTERISTIC,
WITHOUT OPTOCOUPLER
s
INTERNALLY TRIMMED CURRENT
REFERENCE
s
FIXED SWITCHING FREQUENCY,
ADJUSTABLE UP TO 150 KHZ
s
AUXILIARY VOLTAGE REGULATOR
s
SOFT START AND SHUT DOWN CONTROL
s
AUTOMATIC BURST MODE OPERATION IN
STAND-BY CONDITION ABLE TO MEET
”BLUE ANGEL” NORM (<1W TOTAL POWER
CONSUMPTION)
s
UNDERVOLTAGE LOCK-OUT WITH
HYSTERESIS
s
INTEGRATED START UP SUPPLY
s
AVALANCHE RUGGED
s
OVERVOLTAGE PROTECTION
s
OVERTEMPERATURE PROTECTION
s
CYCLE BY CYCLE CURRENT LIMITATION
s
DEMAGNETISATION CONTROL
DESCRIPTION
VIPer31SP combines on the same silicon chip a
PWM
control
dedicated
to
output
current
regulation together with an optimised high voltage
avalanche
rugged
vertical
power
MOSFET
(600V/1A). Typical applications cover battery
chargers with constant current and constant
voltage
output
characteristics,
without
any
optocoupler between primary and secondary
sections. Typical output power capability is 15 W
in wide range condition and 30 W in single range
or
with
doubler
configuration.
Burst
mode
operation is an additional feature of this device,
offering the possibility to operate in no load
condition with an input power as low as 1W. This
feature insures the compliance towards ”Blue
Angel” norm and other similar ones.
Power SO-10
1
10
1/16


Similar Part No. - VIPER31SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317LDTR STMICROELECTRONICS-VIPER317LDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results

Similar Description - VIPER31SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER100B STMICROELECTRONICS-VIPER100B Datasheet
173Kb / 20P
SMPS PRIMARY I.C.
Jan-2000
VIPER20 STMICROELECTRONICS-VIPER20 Datasheet
179Kb / 25P
SMPS PRIMARY I.C.
Jul-2002
VIPER20B STMICROELECTRONICS-VIPER20B Datasheet
151Kb / 17P
SMPS PRIMARY I.C.
Sep-1999
VIPER20A-E STMICROELECTRONICS-VIPER20A-E Datasheet
642Kb / 34P
SMPS primary I.C.
21-Jun-2006
VIPER50 STMICROELECTRONICS-VIPER50 Datasheet
407Kb / 23P
SMPS PRIMARY I.C.
May-2003
VIPER100-E STMICROELECTRONICS-VIPER100-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER50A-E STMICROELECTRONICS-VIPER50A-E Datasheet
348Kb / 31P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER50-E STMICROELECTRONICS-VIPER50-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER20-E STMICROELECTRONICS-VIPER20-E Datasheet
319Kb / 31P
SMPS PRIMARY I.C.
27-Sep-2005
VIPER100A STMICROELECTRONICS-VIPER100A Datasheet
354Kb / 31P
SMPS PRIMARY I.C.
23-Sep-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com