Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics VIPER31SP Datasheet HTML 10Page - STMicroelectronics VIPER31SP Datasheet HTML 11Page - STMicroelectronics VIPER31SP Datasheet HTML 12Page - STMicroelectronics VIPER31SP Datasheet HTML 13Page - STMicroelectronics VIPER31SP Datasheet HTML 14Page - STMicroelectronics VIPER31SP Datasheet HTML 15Page - STMicroelectronics VIPER31SP Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OVERVOLTAGE PROTECTION
If the output voltage accuracy is not a concern,
but only a limitation is desired, the internal
overvoltage protection can be used. In this case,
five components can be taken out from the
schematics of figure 10 (R3-R10-R6-C4-C5) and
the input pin FB of the error amplifier is simply
grounded. The internal overvoltage protection will
act as soon as the VCC voltage reaches typically
29 V, by turning off the power mosfet switch. An
hysteresis of about 3 V will enable again the
switching of the device at a lower voltage level on
the VCC pin. This results in an efficient voltage
limitation, in a burst mode operation type, with
some ripple on the output. Case by case
experiments will define the correct value of output
capacitor C3, according to the loading current in
low output power condition.
STANDBY MODE
The standby mode is represented by a very low
output current, corresponding to a full loaded
battery in a battery charger application. The
output voltage is limited by either the overvoltage
protection or the error amplifier, according to the
design. This results into different situations :
- In case the overvoltage protection is used, the
burst mode operation as described previously
takes place, governed by the hysteresis of the
overvoltage comparator.
- If the error amplifier is used, many situation can
occur, depending on the compensation network
foreseen by the designer. These situations can
range from a normal continuous operation, to
burst mode. In any case, the output voltage will
be regulated to the desired value.
Note that the burst operation is providing a very
low input power consumption, because it reduces
the switching frequency, and thus commutation
losses. Less than 1 W of input power can be
observed in this operative mode, with a few
hundreds of mW delivered to the secondary load.
This is far compliant with standby standards, like
the ”Blue Angel” one.
VIPer31SP
14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com