Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 12 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics VIPER31SP Datasheet HTML 10Page - STMicroelectronics VIPER31SP Datasheet HTML 11Page - STMicroelectronics VIPER31SP Datasheet HTML 12Page - STMicroelectronics VIPER31SP Datasheet HTML 13Page - STMicroelectronics VIPER31SP Datasheet HTML 14Page - STMicroelectronics VIPER31SP Datasheet HTML 15Page - STMicroelectronics VIPER31SP Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
true for low output current where the output
voltage can reach high values, as shown on
figure 11 : 20 V can be reached for a nominal
regulated
one
of
14.5
V,
with
a
typical
transformer. But a simple clamping zener can
limit it to about 17 V with a reasonable dissipated
power. The 10 % to 100 % output load regulation
is better than +/-7 %.
COMPONENTS SIZING
The following procedure defines the value of
essential parameters for the transformer and the
sensing resistance in a typical application. The
user can adapt by himself the final design,
according to specific needs, if any.
- 1. Define the maximum output voltage
V
MAX
OUT
for which the converter has still to
operate in constant current mode.
- 2. Check that the ratio between the minimum
operating output voltage
V
MIN
OUT
and
V
MAX
OUT
is
lower than 2.5. This ratio is limited by the
overvoltage protection value (Typically 29 V)
and
VDDreg
(Typically
10
V)
and
their
tolerances.
- 3. Compute the transformer turn ratio n from
primary to secondary with the formula :
n
=
100
V
MAX
OUT
=
np
ns
- 4. Compute the sense resistance value with the
formula :
RS
= n x
0.175
IOUT
- 5. Compute the transformer turn ratio nAUX
from auxiliary to secondary with the formula :
nAUX
=
25
V
MAX
OUT
=
na
ns
- 6. The current control function requires the
converter to work in discontinuous mode. The
primary inductance value LP of the transformer
can be computed by respecting this constraint
in all conditions, or by using the following
formula :
LP
=
n
10
x
V
MIN
IN
x
TSW
IOUT
where :
V
MIN
IN
is the minimum input rectified DC voltage
from the mains.
TSW is the switching period.
START UP SEQUENCE
An
integrated high
voltage
current
source
provides a bias current from the DRAIN pin during
the start-up phase. This current is partially
absorbed by internal control circuits which are
placed into a standby mode with reduced
consumption and also provided to the external
capacitors connected to the VDD and VCC pins. As
soon as the voltage on this pin reaches the high
voltage threshold VDDon of the UVLO logic, the
device
turns
into
active
mode
and
starts
switching. The start up current generator is
switched off, and the converter should normally
provide the needed current on the VDD pin
through the auxiliary winding of the transformer,
as shown on figure 13.
The sum of the external capacitors CSTART on the
VDD and VCC pins must be sized according to the
time needed by the converter to start up, when
the device starts switching. This time tSS depends
on many parameters, among which transformer
design,
output
capacitors,
capacitor
value
implemented on the CREF pin (See soft start
consideration here after). The following formula
can be used for defining the minimum capacitor
needed :
CSTART
>
IDD x tSS
VDDhyst
where :
IDD is the consumption current on the VDD pin
when switching. Refer to specified IDD1 and IDD2
values.
tSS is the start up time of the converter when the
device begins to switch. Worst case is generally
at full load.
VDDhyst
is the voltage hysteresis of the UVLO
logic. Refer to the minimum specified value.
CSTART =CVDD +CVCC is the sum of both
capacitors on VDD and VCC pins. Once is defined,
allot a standard 4.7
µF / 16 V on the VDD pin, and
the rest on the VCC pin. The VDD capacitor
insures a correct decoupling of the internal serial
regulator between VCC and VDD.
Soft start feature is implemented through the
CREF capacitor which is also filtering the CREF
voltage. The minimum value of this capacitor has
to be set according to the switching frequency, in
order to filter the charging and discharging current
issued from the CREF pin (Refer to the current
control description part). It can be increased from
VIPer31SP
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com