Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 23Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 24Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 25Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 26Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 27Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 28Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 29Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 30Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Bit
Symbol
Value
Description
011
LV, record
Last time switch to VDD event
100
FE, record
First TS pin Event
101
LE, record
Last TS pin Event
110 to 111
no timestamp
Timestamp1 (TSR1)
timestamp register 1 mode
00 [1]
no timestamp
01
FE, record
First TS pin Event
10
LE, record
Last TS pin Event
1 to 0
TSR1M[1:0]
11
no timestamp
Table 19. TSR_mode - timestamp mode control register (address 23h) bit
description...continued
[1]
Default value.
First event means that the time is only stored on the first event and not recorded for
subsequent events. When the first event occurs, the associated timestamp flag is
set. When the flag is cleared, then a new ‘first’ event is recorded. See Figure 18 and
Figure 19.
Last event means that the time is stored on every event. When an event occurs, the
associated timestamp flag is set. It is not necessary to clear the flag before a new event
is recorded.
Interrupts can be generated in INTA pin and/or INTB pin. Interrupts are generated every
time a timestamp register is updated. Interrupt generation is not conditional on the state
of the timestamp flags. See Section 7.7.1.
source of
power
VDD power
battery power
VDD power
battery power
VDD power
t1
t2
t3
t4
t5
FB, LB
LV
FB, LB
LV
LB
no change
TSR2 = t2
TSR2 set to last time
switch to VDD , LV
TSR3 set to first time
switch to battery, FB
no change
TSR2 = t4
no change
TSR3 = t1
TSR3 = t3
no change
no change
no change
event type
event time
aaa-009596
timestamp3 flag,
TSR3F
flag cleared by interface
Figure 18. Example battery switch-over timestamp
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
27 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com