Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 62Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 63Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 64Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 65Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 66Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 67Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 68Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 69Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
VDD = 0.9 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs = 60 kΩ; CL = 7 pF; all registers in
reset state; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
output sink current; VOL = 0.4 V;
VDD = 3.3 V
on pin SDA
3
8.5
-
mA
on pin INTA
2
6
-
mA
on pin CLK
1
3
-
mA
IOL
LOW-level output
current
on pin TS
1
3
-
mA
Oscillator
Δfosc/fosc
relative oscillator
frequency variation
ΔVDD = 200 mV; Tamb = 25 °C
-
0.075
-
ppm
LOWJ = 0
[8] -
50
-
ns
tjit
jitter time
LOWJ = 1
-
25
-
ns
on pins OSCO, OSCI;
VDD = 3.3 V
[9]
CL = 6 pF
4.8
6
7.2
pF
CL = 7 pF
5.6
7
8.4
pF
CL(itg)
integrated load
capacitance
CL = 12.5 pF
10
12.5
15
pF
Rs
series resistance
of the quartz; normal drive
[10] -
60
100
kΩ
Table 67. Characteristics...continued
[1]
For reliable oscillator start-up at power-on use VDD greater than 1.2 V. If powered up at 0.9 V the oscillator will start but it might be a bit slow, especially if
at high temperature. Normally the power supply is not 0.9 V at start-up and only comes at the end of battery discharge. VDD min of 0.9 V is specified so
that the customer can calculate how large a battery or capacitor they need for their application. VDD min of 1.2 V or greater is needed to ensure speedy
oscillator start-up time.
[2]
400 kHz I2C operation is production tested at 1.8 V. Design methodology allows I2C operation at 1.8 V - 5 % (1.71 V) which has been verified during
product characterization on a limited number of devices.
[3]
Measured after reset and CLK disabled, level of inputs is VDD or VSS.
[4]
Measured after reset, CLK disabled, battery switch disabled and level of inputs is VDD or VSS.
[5]
The I2C-bus interface of PCF85263A is 5 V tolerant.
[6]
Implicit by design.
[7]
See Table 44.
[8]
See Table 32.
[9]
Integrated load capacitance, CL(itg), is a calculation of COSCI and COSCO in series.
[10] See Table 33.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
66 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com