Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 42Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 43Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 44Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 45Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 46Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 47Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 48Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 49Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
[2]
Default value.
Setting the CLKPM bit disables the CLK output and force the pin to drive out a logic
0. Clearing this bit enables the pad to output the selected clock frequency (see bits
COF[2:0] in the Function register, see Table 50).
7.12.2 TSPULL: TS pin pull-up resistor value
Bit
Symbol
Value
Description
TS pin pull-up resistor value
0 [1]
80 kΩ
6
TSPULL
1
40 kΩ
Table 44. TSPULL bit - Pin_IO control register (address 27h)
[1]
Default value.
Controls the pull-up resistor value used in the mechanical switch detector. For
applications where there is a large capacitance on the TS pin e.g. from a long connecting
cable to the mechanical switch, the pull-up resistor value can be halved to improve switch
detection.
Using the low-resistance value increases current consumption when the switch is closed
i.e. shorting to VSS.
7.12.3 TSL: TS pin level sense
Bit
Symbol
Value
Description
TS pin input sense
0 [1]
active HIGH
5
TSL
1
active LOW
Table 45. TSL bit - Pin_IO control register (address 27h)
[1]
Default value.
The active state of the TS pin can be defined for use as a timestamp trigger and/or as
stop control for the time counting. Active HIGH implies a transition from logic 0 to logic 1
is active. Active LOW implies a transition from logic 1 to logic 0 is active.
7.12.4 TSPM[1:0]: TS pin I/O control
Bit
Symbol
Value
Description
TS pin IO mode
00 [1]
disabled; input can be left floating
01
INTB output; push-pull
10
CLK output; push-pull
3 to 2
TSPM[1:0]
11
input mode
Table 46. TSPM[1:0] bits - Pin_IO control register (address 27h)
[1]
Default value.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
46 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com