Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 43Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 44Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 45Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 46Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 47Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 48Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 49Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 50Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
These bits control the operation of the TS pin.
sample
invert
mechanical
switch detector
vdd_int
80 kΩ/
40 kΩ
TS (CLK/INTB) pin (1)
sample clock
TSL
input data
INTB data
clock data
aaa-010443
1. Not available on all package types.
Figure 29. TS pin
TSIM is only considered when the TS pin is in input mode.
7.12.4.1 TS pin output mode; INTB
It is possible to output INTB data on the TS pin. The output is push-pull. No output is
available when on VBAT. When on VBAT the output is Hi-Z.
7.12.4.2 TS pin output mode; CLK
It is possible to output a clock frequency on the TS pin. Clock frequency is selected with
the COF[2:0] bits in the Function register (Section 7.13). The output is push-pull. No
output is available when on VBAT. When on VBAT the output is Hi-Z.
7.12.4.3 TS pin disabled
When disabled the pin is Hi-Z and can be left floating.
7.12.5 TSIM: TS pin input type control
Bit
Symbol
Value
Description
TS pin input mode
0 [1]
CMOS input; reference to VDD; disabled
when on VBAT
4
TSIM
1
mechanical switch mode; active pull-up
sampled at 16 Hz; operates on VDD and
VBAT
Table 47. TSIM bit - Pin_IO control register (address 27h)
[1]
Default value.
In CMOS input mode (TSIM = 0), input is taken directly from the TS pin. The input is
conditioned by the setting of TSL. When operating on the battery voltage (VBAT), the input
is disabled and is allowed to float.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
47 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com