Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 49Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 50Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 51Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 52Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 53Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 54Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 55Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 56Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Bit
Symbol Flag name
Value
Description
read: timestamp register 3 flag inactive
0 [1]
write: timestamp register 3 flag is cleared
read: timestamp register 3 flag active
2
TSR3F
Timestamp Register 3
event Flag
Section 7.7
1
write: timestamp register 3 flag remains unchanged
read: timestamp register 2 flag inactive
0 [1]
write: timestamp register 2 flag is cleared
read: timestamp register 2 flag active
1
TSR2F
Timestamp Register 2
event Flag
Section 7.7
1
write: timestamp register 2 flag remains unchanged
read: timestamp register 1 flag inactive
0 [1]
write: timestamp register 1 flag is cleared
read: timestamp register 1 flag active
0
TSR1F
Timestamp Register 1
event Flag
Section 7.7
1
write: timestamp register 1 flag remains unchanged
Table 59. Flags - Flag status register (address 2Bh) bit description...continued
[1]
Default value.
The flags are set by their respective function. A full description can be found there. All
flags behave the same way. They are set by some function of the IC and remain set until
overwritten by command. It is possible to clear flags individually. To prevent one flag
being overwritten while clearing another, a logic AND is performed during a write access.
All flags are combined to generate an event monitoring signal called EMON. EMON is
described in Section 7.2.3 and can be read as the MSB of minutes register.
7.15 Reset register
Bit
7
6
5
4
3
2
1
0
Symbol
CPR
0
1
0
SR
1
0
CTS
Section
Section 7.15.2
Section 7.15.1
Section 7.15.3
Table 60. Reset - software reset control (address 2Fh) bit description
For a
• software reset (SR), 0010 1100 (2Ch) must be sent to register Reset (address 2Fh). A
software reset also triggers CPR and CTS
• clear prescaler (CPR), 1010 0100 (A4h) must be sent to register Reset (address 2Fh)
• clear timestamp (CTS),0010 0101 (25h) must be sent to register Reset (address 2Fh)
It is possible to combine CPR and CTS by sending 1010 0101 (A5h).
Remark: Any other value sent to this register is ignored.
7.15.1 SR - Software reset
A reset is automatically generated at power-on. A reset can also be initiated with the
software reset command.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
53 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com