Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 41Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 42Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 43Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 44Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 45Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 46Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 47Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 48Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
7.11.4 BSTH: threshold voltage control
Bit
Symbol
Value
Description
battery switch threshold voltage, Vth
0 [1]
Vth = 1.5 V
0
BSTH
1
Vth = 2.8 V
Table 41. BSTH - battery switch control (address 26h) bit description
[1]
Default value.
The threshold for battery switch-over is selectable between two voltages, 1.5 V and 2.8 V.
7.11.5 Battery switch interrupts
The generation of interrupts from the battery switch function is controlled via the battery
switch interrupt enable bits; BSIEA and BSIEB. These bits are in registers INTA_enable
(address 29h) and INTB_enable (address 2Ah).
The assertion of the flag BSF (register Flags, address 2Bh) can be used to generate an
interrupt at pins INTA and INTB. The interrupt may be generated as a pulsed signal or
alternatively as a permanently active signal which follows the condition of bit BSF. BSF
remains set until cleared by command.
When enabled, interrupts are triggered every time the battery switch circuit switches
to either battery or to VDD and even if the BSF is not cleared, an interrupt pulse can be
generated.
In addition, the INTA pin can be configured as a battery mode indicator (INTAPM[1:0] =
00). See Section 7.12.6. This mode differs from a general interrupt signal in that it is only
controlled by the current battery switch status.
See Section 7.9 for interrupt control.
Remark: INTB pin is only active when the IC is operating from VDD.
7.12 Pin_IO register
Bit
7
6
5
4
3
2
1
0
Symbol
CLKPM
TSPULL
TSL
TSIM
TSPM[1:0]
INTAPM[1:0]
Section
Section 7.12.1
Section 7.12.2
Section 7.12.3
Section 7.12.5
Section 7.12.4
Section 7.12.6
Table 42. Pin_IO- pin input output control register (address 27h) bit description
This register is used to define the input and output modes of the IC.
7.12.1 CLKPM: CLK pin mode control
Bit
Symbol
Value
Description
CLK pin mode
0 [2]
enable CLK pin
7
CLKPM [1]
1
disable CLK pin
Table 43. CLKPM bit - Pin_IO control register (address 27h)
[1]
CLK pin is not available on all package types.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
45 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com