Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF85263ATL/A Datasheet HTML 1Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 2Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 3Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 4Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 5Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 6Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 7Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 8Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PCF85263ATT1
PCF85263ATT1
1
OSCI
10 VDD
2
OSCO
9 INTA (CLK)
3
VBAT
8 CLK
4
TS (CLK/INTB)
7 SCL
5
VSS
6 SDA
aaa-009082
For mechanical details, see Figure 48.
Figure 5. Pin configuration for PCF85263ATT1 (TSSOP10)
aaa-032284
1
A
B
C
D
Transparent top view
2
3
PCF85263AUK
For mechanical details, see Figure 49.
Figure 6. Pin configuration for PCF85263AUK (WLCSP12)
6.2 Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Pin
Description
Symbol
PCF85263AT
(SO8)
PCF85263ATL
(DFN2626-10)
PCF85263ATT
(TSSOP8)
PCF85263ATT1
(TSSOP10)
PCF85263AUK
(WLCSP12)
Type
Primary use
Secondary use
OSCI
1
1
1
1
A2
input
oscillator input
-
OSCO
2
2
2
2
A3
output
oscillator output
-
VBAT
3
3
3
3
B3
supply
battery backup supply
voltage [1]
-
can be configured with TSPM[1:0] [2]
TS (CLK/INTB)
-
4
-
4
C3
input/
output
timestamp input
INTB and CLK
output (push-pull);
stop-watch control
VSS
4
5 [3]
4
5
D2, D3
supply
ground supply voltage
-
SDA
5
6
5
6
D1
input/
output
serial data line
-
SCL
6
7
6
7
C1
input
serial clock input
-
CLK
-
8
-
8
B2
output
CLK (push-pull)
-
can be configured with INTAPM[1:0] [4]
INTA (CLK)
7
9
7
9
B1
output
interrupt output
(open-drain)
CLK output (open-
drain)
VDD
8
10
8
10
A1, C2
supply
supply voltage
-
Table 3. Pin description
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
5 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com