Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 47Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 48Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 49Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 50Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 51Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 52Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 53Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 54Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
[1]
Default value.
The STOP register bit in the Oscillator register (Section 7.10) is used to stop the counting
of time in both RTC mode and stop-watch mode. Stopping of the oscillator can also
be controlled from the TS pin. The TS pin must first be configured as an input by the
TSPM[1:0] bits, then selected for active HIGH or active LOW by the TSL bits.
STOP bit [1] TSL
TS pin [2]
Oscillator state
Description
0
running
0
1
stopped
TS pin active HIGH
0
stopped
0
1
1
running
TS pin active LOW
1
-
-
stopped
TS pin ignored
Table 56. Oscillator stop control when STOPM = 1
[1]
In the Oscillator register (Section 7.10).
[2]
TSPM[1:0] = 11.
7.13.5 COF[2:0]: Clock output frequency
Frequency selection (Hz)
Bit
Symbol
Value
CLK pin
TS pin
INTA pin
000 [1]
32 768
32 768
32 768
001
16 384
16 384
16 384
010
8 192
8 192
8 192
011
4 096
4 096
4 096
100
2 048
2 048
2 048
101
1 024
1 024
1 024
110
1
1
1
2 to 0
COF[2:0]
111
static LOW
static LOW
Hi-Z
Table 57. COF[2:0] bits - Function control register (address 28h)
[1]
Default value.
A programmable square wave is available at pin CLK. Operation is controlled by the
COF[2:0] bits. Frequencies of 32.768 kHz (default) down to 1 Hz can be generated for
use as a system clock, microcontroller clock, input to a charge pump, or for calibration of
the oscillator.
Pin CLK is a push-pull output and enabled at power-on. Pin CLK can be disabled by
setting CLKPM = 1 in the Pin_IO register (Section 7.12). When disabled, the CLK pin is
LOW.
The selected clock frequency may also be output on the TS pin and the INTA pin. The
CLKIV bit may be used to invert the clock output. CLKIV does not invert for the setting
COF[2:0] = 111.
The duty cycle of the selected clock is not controlled. However, due to the nature of the
clock generation, all clock frequencies except 32.768 kHz have a duty cycle of 50:50.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
51 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com