Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 48Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 49Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 50Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 51Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 52Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 53Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 54Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 55Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
COF[2:0]
Frequency (Hz)
Typical duty cycle [1]
000 [2]
32 768
60 : 40 to 40 : 60
001
16 384
50 : 50
010
8 192
50 : 50
011
4 096
50 : 50
100
2 048
50 : 50
101
1 024
50 : 50
110
1 [3]
50 : 50
111
static
-
Table 58. Clock duty cycles
[1]
Duty cycle definition: % HIGH-level time : % LOW-level time.
[2]
Default values. The duty cycle of the CLKOUT when outputting 32,768 Hz could change from 60:40 to 40:60 depending
on the detector since the 32,768 Hz is derived from the oscillator output which is not perfect. It could change from device
to device and it depends on the silicon diffusion. There is nothing that can be done from outside the chip to influence the
duty cycle.
[3]
1 Hz clock pulses are not affected by offset correction pulses.
7.14 Flags register
Bit
Symbol Flag name
Value
Description
read: periodic interrupt flag inactive
0 [1]
write: periodic interrupt flag is cleared
read: periodic interrupt flag active
7
PIF
Periodic Interrupt Flag
Section 7.13.2
1
write: periodic interrupt flag remains unchanged
read: alarm2 flag inactive
0 [1]
write: alarm2 flag is cleared
read: alarm2 flag active
6
A2F
Alarm2 Flag
Section 7.4
1
write: alarm2 flag remains unchanged
read: alarm1 flag inactive
0 [1]
write: alarm1 flag is cleared
read: alarm1 flag active
5
A1F
Alarm1 Flag
Section 7.4
1
write: alarm1 flag remains unchanged
read: WatchDog flag inactive
0 [1]
write: WatchDog flag is cleared
read: WatchDog flag active
4
WDF
WatchDog Flag
Section 7.5
1
write: WatchDog flag remains unchanged
read: battery switch flag inactive
0 [1]
write: battery switch flag is cleared
read: battery switch flag active
3
BSF
Battery Switch Flag
Section 7.11
1
write: battery switch flag remains unchanged
Table 59. Flags - Flag status register (address 2Bh) bit description
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
52 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com