Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW81103 Datasheet HTML 4Page - STMicroelectronics STW81103 Datasheet HTML 5Page - STMicroelectronics STW81103 Datasheet HTML 6Page - STMicroelectronics STW81103 Datasheet HTML 7Page - STMicroelectronics STW81103 Datasheet HTML 8Page - STMicroelectronics STW81103 Datasheet HTML 9Page - STMicroelectronics STW81103 Datasheet HTML 10Page - STMicroelectronics STW81103 Datasheet HTML 11Page - STMicroelectronics STW81103 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Block diagram and pin configuration
STW81103
8/53
10
ICP
PLL charge pump output
11
REXT
External resistance connection for PLL
charge pump
12
VDD_CP
Power supply for charge pump
13
TEST1
Test input 1
For test purposes only;
must be connected to
GND
14
LOCK_DET
Lock detector
CMOS output
(IOUT=4mA)
15
TEST2
Test input 2
For test purposes only;
must be connected to
GND
16
REF_CLK
Reference clock input
17
VDD_PLL
PLL digital power supply
18
EXTVCO_INN
External VCO negative input
For test purposes only;
must be connected to
GND
19
EXTVCO_INP
External VCO positive input
For test purposes only;
must be connected to
GND
20
VDD_BUFVCO
VCO buffer power supply
21
DBUS_SEL
Digital Bus Interface select
CMOS input
22
VDD_DBUS
SPI and I2C bus power supply
23
EXT_PD
Power down hardware
‘0’ device ON; ‘1’ device OFF
CMOS input
24
SDA/DATA
I2CBUS/SPI data line
CMOS Bidir Schmitt
triggered (IOUT=4mA)
25
SCL/CLK
I2CBUS/SPI clock line
CMOS input Schmitt
triggered
26
ADD0/LOAD
I2CBUS address select pin/ SPI load line
CMOS input
27
ADD1
I2CBUS address select pin
CMOS input; must be
connected to GND in SPI
mode
28
ADD2
I2CBUS address select pin
CMOS input; must be
connected to GND in SPI
mode
Table 1.
Pin description (continued)
Pin No
Name
Description
Observation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com