Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW81103 Datasheet HTML 21Page - STMicroelectronics STW81103 Datasheet HTML 22Page - STMicroelectronics STW81103 Datasheet HTML 23Page - STMicroelectronics STW81103 Datasheet HTML 24Page - STMicroelectronics STW81103 Datasheet HTML 25Page - STMicroelectronics STW81103 Datasheet HTML 26Page - STMicroelectronics STW81103 Datasheet HTML 27Page - STMicroelectronics STW81103 Datasheet HTML 28Page - STMicroelectronics STW81103 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
STW81103
Circuit description
25/53
5.9
Output stage
The differential output signal of the synthesizer can be selected by software among three
different signal paths (direct, divider by 2 and divider by 4) providing multi-band capability.
The selection of the output stage is done by programming properly the PD[4:0] bits.
The output stage is an open-collector structure which is able to meet different requirements
over the desired output frequency range by proper connections on the PCB. Refer to
Section 8: Application information for more details on PCB connections.
5.9.1
Output buffer control mode
This control mode allows to enable/disable the output stage by a hardware control pin
(EXT_PD, pin#23) while the PLL stays locked at the desired frequency; in such a way a very
fast switching time is achieved.
This feature can be useful in designing a ping-pong architecture saving the cost of an
external RF switch.
The function of pin#23 (EXT_PD) is set with the OUTBUF_CTRL_EN bit as shown in
Table 10.
Table 9.
VCO B performances vs. amplitude setting (Freq = 4.7 GHz)
PLL_A[1:0]
Differential
voltage swing (Vp)
Current
consumption (mA)
PN at 1 MHz
(dBc/Hz)
00
1.1
13
-121
01
1.3
15
-122
10
1.9
22
-126
11
2.1
24
-127
Table 10.
EXT_PD pin function setting
OUTBUF_CTRL_EN
Function of the EXT_PD pin
EXT_PD pin settings
0
Device hardware power down
EXT_PD = 0 V
Device ON
EXT_PD = 3.3 V
Device OFF
1
Output Buffer control
EXT_PD = 0 V
Output Stage ON
EXT_PD = 3.3 V
Output Stage OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com