Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 1 Page - STMicroelectronics

  STW81103 Datasheet HTML 1Page - STMicroelectronics STW81103 Datasheet HTML 2Page - STMicroelectronics STW81103 Datasheet HTML 3Page - STMicroelectronics STW81103 Datasheet HTML 4Page - STMicroelectronics STW81103 Datasheet HTML 5Page - STMicroelectronics STW81103 Datasheet HTML 6Page - STMicroelectronics STW81103 Datasheet HTML 7Page - STMicroelectronics STW81103 Datasheet HTML 8Page - STMicroelectronics STW81103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
March 2008
Rev 3
1/53
1
STW81103
Multi-band RF frequency synthesizer with integrated VCOs
Features
■ Integer-N frequency synthesizer
■ Dual differential integrated VCOs with
automatic center frequency calibration:
– 2500 - 3050 MHz (direct output)
– 4350 - 5000 MHz (direct output)
– 1250 - 1525 MHz (internal divider by 2)
– 2175 - 2500 MHz (internal divider by 2)
– 625 - 762.5 MHz (internal divider by 4)
– 1087.5 - 1250 MHz (internal divider by 4)
■ Excellent integrated phase noise
■ Fast lock time: 150µs
■ Dual modulus programmable prescaler
(16/17 or 19/20)
■ 2 programmable counters to achieve a
feedback division ratio from 256 to 65551
(prescaler 16/17) and from 361 to 77836
(prescaler 19/20).
■ Programmable reference frequency divider
(10 bits)
■ Phase frequency comparator and charge pump
■ Programmable charge pump current
■ Digital lock detector
■ Dual digital bus interface: SPI and I2C bus (fast
mode) with 3 bit programmable address
(1100A2A1A0)
■ 3.3 V power supply
■ Power down mode (hardware and software)
■ Small size exposed pad VFQFPN28 package
5 mm x 5 mm x 1.0 mm
■ Process: BICMOS 0.35 µm SiGe
Applications
■ 2.5G and 3G Cellular infrastructure equipment
■ CATV equipment
■ Instrumentation and test equipment
■ Other wireless communication systems
Description
The STMicroelectronics STW81103 is an
integrated RF synthesizer with voltage controlled
oscillators (VCOs). Showing high performance,
high integration, low power, and multi-band
performances, STW81103 is a low cost one chip
alternative to discrete PLL and VCOs solutions.
STW81103 includes an Integer-N frequency
synthesizer and two fully integrated VCOs
featuring low phase noise performance and a
noise floor of -155dBc/Hz. The combination of
wide frequency range VCOs (thanks to center-
frequency calibration over 32 sub-bands) and
multiple output options (direct output, divided by 2
or divided by 4) allows to cover the
625 MHz-762.5 MHz, the 1087.5 MHz-1525 MHz,
the 2175 MHz-3050 MHz and the
4350 MHz-5000 MHz bands.
The STW81103 is designed with
STMicroelectronics advanced 0.35 µm SiGe
process.
www.st.com


Similar Part No. - STW81103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
STW81100 STMICROELECTRONICS-STW81100 Datasheet
1,004Kb / 29P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
16-Dec-2005
STW81100AT STMICROELECTRONICS-STW81100AT Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
STW81100AT-1 STMICROELECTRONICS-STW81100AT-1 Datasheet
1,004Kb / 29P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
16-Dec-2005
STW81100ATR STMICROELECTRONICS-STW81100ATR Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
More results

Similar Description - STW81103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
STMicroelectronics
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
ISM RF SYNTHESIZER WITH INTEGRATED VCOS
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
Multi-band RF frequency synthesizer with integrated VCOs
06-Mar-2006
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
Multi-band RF frequency synthesizer with integrated VCOs
16-Jun-2006
STW81100 STMICROELECTRONICS-STW81100_1 Datasheet
1,004Kb / 29P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
16-Dec-2005
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
Multi-band RF frequency synthesizer with integrated VCOs
13-Aug-2007
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com