Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW81103 Datasheet HTML 6Page - STMicroelectronics STW81103 Datasheet HTML 7Page - STMicroelectronics STW81103 Datasheet HTML 8Page - STMicroelectronics STW81103 Datasheet HTML 9Page - STMicroelectronics STW81103 Datasheet HTML 10Page - STMicroelectronics STW81103 Datasheet HTML 11Page - STMicroelectronics STW81103 Datasheet HTML 12Page - STMicroelectronics STW81103 Datasheet HTML 13Page - STMicroelectronics STW81103 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Electrical specifications
STW81103
10/53
2.3
Digital logic levels
2.4
Electrical specifications
All electrical specifications are intended for a 3.3 V supply voltage.
l
Table 4.
Digital logic levels
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Units
Vil
Low-level input voltage
0.2*Vdd
V
Vih
High-level input voltage
0.8*Vdd
V
Vhyst
Schmitt trigger hysteresis
0.8
V
Vol
Low-level output voltage
0.4
V
Voh
High-level output voltage
0.85*Vdd
V
Table 5.
Electrical specifications
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Output frequency range
FOUTA
Output frequency range with
VCOA
Direct output
2500
3050
MHz
Divider by 2
1250
1525
MHz
Divider by 4
625
762.5
MHz
FOUTB
Output frequency range with
VCOB
Direct output
4350
5000
MHz
Divider by 2
2175
2500
MHz
Divider by 4
1087.5
1250
MHz
VCO dividers
N
VCO divider ratio
Prescaler 16/17
256
65551
Prescaler 19/20
361
77836
Reference clock and phase frequency detector
Fref
Reference input frequency
10
200
MHz
Reference input sensitivity(1)
0.35
1
1.5
Vpeak
R
Reference divider ratio
2
1023
FPFD
PFD input frequency
16
MHz
FSTEP
Frequency step(2)
Prescaler 16/17
FOUT/
65551
FOUT/
256
Hz
Prescaler 19/20
FOUT/
77836
FOUT/
361
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com