Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW81103 Datasheet HTML 36Page - STMicroelectronics STW81103 Datasheet HTML 37Page - STMicroelectronics STW81103 Datasheet HTML 38Page - STMicroelectronics STW81103 Datasheet HTML 39Page - STMicroelectronics STW81103 Datasheet HTML 40Page - STMicroelectronics STW81103 Datasheet HTML 41Page - STMicroelectronics STW81103 Datasheet HTML 42Page - STMicroelectronics STW81103 Datasheet HTML 43Page - STMicroelectronics STW81103 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
SPI digital interface
STW81103
40/53
The LO output frequency is programmed by setting the proper value for A, B and R
according to the following formula:
and P is the selected prescaler modulus.
7.3.1
Default configuration
At power on, all the bits are set to '0'. Consequently the part starts in power down mode.
7.4
VCO calibration procedure
Calibration of the VCO center frequency is activated when the SERCAL bit (ST1 register
bit[6]) is set to 1.
To program the device properly while ensuring VCO calibration, perform the following steps
before every channel change:
1.
Program the ST2 register with the desired settings (functional mode, B and A
counters).
2.
Program the ST1 register with the desired settings (R counter, VCO amplitude, charge
pump, prescaler modulus) and with the SERCAL bit set to 1.
The maximum allowed PFD frequency (F
PFD) during calibration is 1 MHz; if you want a FPFD
higher than 1 MHz, perform the following additional steps:
●
Perform all the steps (step 1 and 2 above) of the calibration procedure, making sure to
program the desired VCO frequency with proper settings of the R, B and A counters so
that F
PFD is
≤1 MHz.
●
Program the device with the desired VCO and PFD frequency settings as per steps 1
and 2 above with SERCAL bit set to 0.
7.4.1
VCO calibration auto-restart feature
The VCO calibration auto-restart feature can be enabled in two steps:
1.
Set the desired frequency ensuring VCO calibration as described above (
Section 7.4)
2.
Program the ST2 register with the CAL_AUTOSTART_EN bit set to '1' while keeping
unchanged the others.
where
DR equals
{
1
for direct output
0.5
for output divided by 2
0.25 for output divided by 4
F
OUT
D
R
BP
A
+
×
()
F
REF
CLK
–
R
-----------------------------------
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com