Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW81103 Datasheet HTML 33Page - STMicroelectronics STW81103 Datasheet HTML 34Page - STMicroelectronics STW81103 Datasheet HTML 35Page - STMicroelectronics STW81103 Datasheet HTML 36Page - STMicroelectronics STW81103 Datasheet HTML 37Page - STMicroelectronics STW81103 Datasheet HTML 38Page - STMicroelectronics STW81103 Datasheet HTML 39Page - STMicroelectronics STW81103 Datasheet HTML 40Page - STMicroelectronics STW81103 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
STW81103
SPI digital interface
37/53
7.2
Timing specification
Figure 27.
SPI timing specification
Table 19.
SPI data structure (MSB is sent first)
MSB
LSB
Address
Data for register (24 bits)
A1
A0
D23
D22
D21
D20
D19
D18
D17 D16
D15
D14
D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 20.
Address decoder and outputs
Address
Outputs
A1
A0
DATABITS D23-D0
No
Name
Function
0024
0
ST1
Reference divider, VCO amplitude, VCO calibration,
charge pump current, prescaler modulus
0
1
24
1
ST2
Functional modes, VCO dividers
1024
2
ST3
Reserved
1124
3
ST4
Reserved
Data
MSBMSB-1
LSB
tsetup
tdk
clk_loadr
tload
t
t
thold
Clock
Load
clk_loadf
Table 21.
SPI timing specification
Symbol
Parameter
Min.
Typ.
Max.
Units
tsetup
DATA to CLOCK setup time
0.8
ns
thold
DATA to CLOCK hold time
0.2
ns
tclk
CLOCK cycle period
10
ns
tload
LOAD pulse width
3
ns
tclk_loadr
CLOCK to LOAD rising edge
2
ns
tclk_loadf
CLOCK to LOAD falling edge
0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com