Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW81103 Datasheet HTML 7Page - STMicroelectronics STW81103 Datasheet HTML 8Page - STMicroelectronics STW81103 Datasheet HTML 9Page - STMicroelectronics STW81103 Datasheet HTML 10Page - STMicroelectronics STW81103 Datasheet HTML 11Page - STMicroelectronics STW81103 Datasheet HTML 12Page - STMicroelectronics STW81103 Datasheet HTML 13Page - STMicroelectronics STW81103 Datasheet HTML 14Page - STMicroelectronics STW81103 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
STW81103
Electrical specifications
11/53
Charge pump
ICP
ICP sink/source(3)
3-bit programmable
5
mA
VOCP
Output voltage compliance
range
0.4
Vdd-0.3
V
Spurious(4)
Direct output (FPFD=200 kHz)
-76
dBc
Divider by 2 (FPFD=400 kHz)
-82
dBc
Divider by 4 (FPFD=800 kHz)
-88
dBc
VCOs
KVCOA
VCOA sensitivity(5)
Lower frequency range
45
65
85
MHz/V
Intermediate frequency range
60
80
105
MHz/V
Higher frequency range
85
105
145
MHz/V
KVCOB
VCOB sensitivity(5)
Lower frequency range
45
65
85
MHz/V
Intermediate frequency range
60
80
100
MHz/V
Higher frequency range
85
100
130
MHz/V
ΔTLK
Maximum temperature
variation for continuous
lock(5) (6)
VCO A
125
°C
VCO B
95
°C
VCOA pushing(5)
47
MHz/V
VCOB pushing(5)
15
21
MHz/V
VCTRL
VCO control voltage(5)
0.4
3
V
LO harmonic spurious(5)
-20
dBc
IVCOA
VCOA current consumption
FVCO=2.8 GHz; amplitude[11]
30
mA
FVCO=2.8 GHz; amplitude[00]
16
mA
IVCOB
VCOB current consumption
FVCO=4.7 GHz; amplitude[11]
24
mA
FVCO=4.7 GHz; amplitude[00]
13
mA
IVCOBUF
VCO buffer consumption
15
mA
IDIV2
Divider by 2 consumption
17
mA
IDIV4
Divider by 4 consumption
14
mA
LO output buffer
PLO
Output level
0
dBm
RL
Return loss
Matched to 50 ohms
15
dB
IOUTBUF
Current consumption
DIV4 Buff
26
mA
DIV2 Buff
23
mA
Direct output
39
mA
Table 5.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com