Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW81103 Datasheet HTML 15Page - STMicroelectronics STW81103 Datasheet HTML 16Page - STMicroelectronics STW81103 Datasheet HTML 17Page - STMicroelectronics STW81103 Datasheet HTML 18Page - STMicroelectronics STW81103 Datasheet HTML 19Page - STMicroelectronics STW81103 Datasheet HTML 20Page - STMicroelectronics STW81103 Datasheet HTML 21Page - STMicroelectronics STW81103 Datasheet HTML 22Page - STMicroelectronics STW81103 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
STW81103
Circuit description
19/53
5
Circuit description
5.1
Reference input stage
The reference input stage is shown in
Figure 15. The resistor network feeds a DC bias at the
Fref input, while the inverter used as the frequency reference buffer is AC coupled.
Figure 15.
Reference frequency input buffer
5.2
Reference divider
The 10-bit programmable reference counter allows division of the input reference frequency
to produce the input clock to the PFD. The division ratio is programmed through the digital
interface.
5.3
Prescaler
The dual-modulus prescaler P/P+1 takes the CML clock from the VCO buffer and divides it
down to a manageable frequency for the CMOS A and B counters. The modulus P is
programmable and can be set to 16 or 19. The prescaler is based on a synchronous 4/5
core whose division ratio depends on the state of the modulus input.
INV
BUF
VDD
F
ref
Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com