Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81103 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STW81103
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STW81103 Datasheet HTML 30Page - STMicroelectronics STW81103 Datasheet HTML 31Page - STMicroelectronics STW81103 Datasheet HTML 32Page - STMicroelectronics STW81103 Datasheet HTML 33Page - STMicroelectronics STW81103 Datasheet HTML 34Page - STMicroelectronics STW81103 Datasheet HTML 35Page - STMicroelectronics STW81103 Datasheet HTML 36Page - STMicroelectronics STW81103 Datasheet HTML 37Page - STMicroelectronics STW81103 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
I2C bus interface
STW81103
34/53
CALIBRATION
This register controls the VCO calibrator using the following values:
6.3.2
Read-only register
This register is automatically addressed in the ‘current byte address read mode’, using the
following values:
6.3.3
Default configuration
At power on, all the bits are set to '0'. Consequently the part starts in power down mode.
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
INITCAL
SERCAL
SELEXTCAL
CAL4
CAL3
CAL2
CAL1
CAL0
INITCAL:
for test purposes only, must be set to 0
SERCAL:
at 1 starts the VCO auto-calibration (automatically reset to 0 at the end of calibration)
SELEXTCAL: for test purposes only; must be set to 0
CAL[4:0]:
for test purposes only; must be set to 0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
DEV_ID1
DEV_ID0
LOCK_DET
INTCAL4
INTCAL3
INTCAL2
INTCAL1
INTCAL0
DEV_ID[1:0]:
device identifier bits; returns ‘10’
LOCK_DET:
1 when PLL is locked
INTCAL[4:0]:
internal value of the VCO control word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com