Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29W641DH Datasheet HTML 10Page - STMicroelectronics M29W641DH Datasheet HTML 11Page - STMicroelectronics M29W641DH Datasheet HTML 12Page - STMicroelectronics M29W641DH Datasheet HTML 13Page - STMicroelectronics M29W641DH Datasheet HTML 14Page - STMicroelectronics M29W641DH Datasheet HTML 15Page - STMicroelectronics M29W641DH Datasheet HTML 16Page - STMicroelectronics M29W641DH Datasheet HTML 17Page - STMicroelectronics M29W641DH Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
M29W641DH, M29W641DL, M29W641DU
14/42
Table 3. Commands
Note: X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in hexadecimal.
Table 4. Program, Erase Times and Program, Erase Endurance Cycles
Note: 1. Typical values measured at room temperature and nominal voltages.
2. Sampled, but not 100% tested.
3. Maximum value measured at worst case conditions for both temperature and VCC after 100,00 program/erase cycles.
4. Maximum value measured at worst case conditions for both temperature and VCC.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset
1X
F0
3
555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
555
90
Program
4
555
AA
2AA
55
555
A0
PA
PD
Double Word Program
3
555
50
PA0
PD0
PA1
PD1
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass
Program
2X
A0
PA
PD
Unlock Bypass Reset
2
X
90
X
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Block Erase
6+
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Erase Suspend
1
X
B0
Erase Resume
1
X
30
Read CFI Query
1
55
98
Enter Extended Block
3
555
AA
2AA
55
555
88
Exit Extended Block
4
555
AA
2AA
55
555
90
X
00
Parameter
Min
Typ (1, 2)
Max(2)
Unit
Chip Erase
80
400(3)
s
Block Erase (32 KWords)
0.8
6(4)
s
Erase Suspend Latency Time
50(4)
µs
Program (Word)
10
200(3)
µs
Double Word Program
10
200(3)
µs
Chip Program (Word by Word)
40
200(3)
s
Chip Program (Double Word)
20
100(3)
s
Program/Erase Cycles (per Block)
100,000
cycles
Data Retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com