Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 26 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M29W641DH Datasheet HTML 22Page - STMicroelectronics M29W641DH Datasheet HTML 23Page - STMicroelectronics M29W641DH Datasheet HTML 24Page - STMicroelectronics M29W641DH Datasheet HTML 25Page - STMicroelectronics M29W641DH Datasheet HTML 26Page - STMicroelectronics M29W641DH Datasheet HTML 27Page - STMicroelectronics M29W641DH Datasheet HTML 28Page - STMicroelectronics M29W641DH Datasheet HTML 29Page - STMicroelectronics M29W641DH Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
M29W641DH, M29W641DL, M29W641DU
26/42
Figure 15. TFBGA63 - 7x11mm, 6x8 active ball array, 0.8mm pitch, Bottom view package outline
Note: Drawing is not to scale.
Table 15. TFBGA63 - 7x11mm, 6x8 active ball array, 0.8mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.250
0.0098
A2
0.900
0.0354
b
0.350
0.450
0.0138
0.0177
D
7.000
6.900
7.100
0.2756
0.2717
0.2795
D1
5.600
–
–
0.2205
–
–
ddd
–
–
0.100
–
–
0.0039
E
11.000
10.900
11.100
0.4331
0.4291
0.4370
E1
8.800
–
–
0.3465
–
–
e
0.800
–
–
0.0315
–
–
FD
0.700
–
–
0.0276
–
–
FE
1.100
–
–
0.0433
–
–
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–
E
D
eb
SD
SE
A2
A1
A
BGA-Z33
ddd
FD
D1
E1
e
FE
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com