Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 27 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M29W641DH Datasheet HTML 23Page - STMicroelectronics M29W641DH Datasheet HTML 24Page - STMicroelectronics M29W641DH Datasheet HTML 25Page - STMicroelectronics M29W641DH Datasheet HTML 26Page - STMicroelectronics M29W641DH Datasheet HTML 27Page - STMicroelectronics M29W641DH Datasheet HTML 28Page - STMicroelectronics M29W641DH Datasheet HTML 29Page - STMicroelectronics M29W641DH Datasheet HTML 30Page - STMicroelectronics M29W641DH Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
27/42
M29W641DH, M29W641DL, M29W641DU
PART NUMBERING
Table 16. Ordering Information Scheme
Note: This product is also available with the Extended Block factory locked. For further details and ordering
information contact your nearest ST sales office.
Devices are shipped from the factory with the memory content bits erased to 1. For a list of available op-
tions (Speed, Package, etc.) or for further information on any aspect of this device, please contact your
nearest ST Sales Office.
Example:
M29W641DL
70
N
1
T
Device Type
M29
Operating Voltage
W = VCC = 2.7 to 3.6V
Device Function
641DH = 64 Mbit (x16), Uniform Block, Write Protection on highest
address Block
641DL = 64 Mbit (x16), Uniform Block, Write Protection on Lowest
Address Block
641DU = 64 Mbit (x16), Uniform Block, No Write Protection
Speed
70 = 70ns
90 = 90ns
10 = 100ns
12 = 120ns
Package
N = TSOP48: 12 x 20 mm (M29W641DH and M29W641DL only)
ZA = TFBGA63: 7 x 11mm, 0.80mm pitch (M29W641DU only)
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
T = Tape & Reel Packing
E = Lead-free Package, Standard Packing
F = Lead-free Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com