Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29W641DH Datasheet HTML 16Page - STMicroelectronics M29W641DH Datasheet HTML 17Page - STMicroelectronics M29W641DH Datasheet HTML 18Page - STMicroelectronics M29W641DH Datasheet HTML 19Page - STMicroelectronics M29W641DH Datasheet HTML 20Page - STMicroelectronics M29W641DH Datasheet HTML 21Page - STMicroelectronics M29W641DH Datasheet HTML 22Page - STMicroelectronics M29W641DH Datasheet HTML 23Page - STMicroelectronics M29W641DH Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
M29W641DH, M29W641DL, M29W641DU
20/42
Table 9. DC Characteristics
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCCQ
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCCQ
±1
µA
ICC1
Supply Current (Read)
E = VIL, G = VIH,
f = 6 MHz
10
mA
ICC2
Supply Current (Standby)
E = VCC ±0.2V,
RP = VCC ±0.2V
100
µA
ICC3
Supply Current (Program/
Erase)
Program/Erase
Controller active
VPP pin =
VIL or VIH
20
mA
VPP pin =
VPPH
20
mA
VIL
Input Low Voltage
VCCQ ≤ VCC
–0.5
0.8
V
VIH
Input High Voltage
VCCQ ≤ VCC
0.7VCCQ
VCCQ + 0.3
V
VPPH
Voltage for
VPP Program
Acceleration
VCC = 3.0V ±10%
11.5
12.5
V
IPP
Current for
VPP Program
Acceleration
VCC = 3.0V ±10%
15
mA
VOL
Output Low Voltage
IOL = 4.0mA, VCC = VCCmin
0.45
V
VOH
(1)
Output High Voltage
IOH = –2.0mA, VCC = VCCmin
0.85VCCQ
V
IOH = –100µA, VCC = VCCmin
VCCQ – 0.4
V
VID
Identification Voltage
11.5
12.5
V
VLKO
(1)
Program/Erase Lockout Supply
Voltage
1.8
2.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com