Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 28 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M29W641DH Datasheet HTML 24Page - STMicroelectronics M29W641DH Datasheet HTML 25Page - STMicroelectronics M29W641DH Datasheet HTML 26Page - STMicroelectronics M29W641DH Datasheet HTML 27Page - STMicroelectronics M29W641DH Datasheet HTML 28Page - STMicroelectronics M29W641DH Datasheet HTML 29Page - STMicroelectronics M29W641DH Datasheet HTML 30Page - STMicroelectronics M29W641DH Datasheet HTML 31Page - STMicroelectronics M29W641DH Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
M29W641DH, M29W641DL, M29W641DU
28/42
APPENDIX A. BLOCK ADDRESSES
Table 17. Block Addresses
Block
KWords
Protection Block Group
Address Range
032
Protection Group
000000h–007FFFh (1)
1
32
008000h–00FFFFh
2
32
010000h–017FFFh
3
32
018000h–01FFFFh
432
Protection Group
020000h–027FFFh
5
32
028000h–02FFFFh
6
32
030000h–037FFFh
7
32
038000h–03FFFFh
832
Protection Group
040000h–047FFFh
9
32
048000h–04FFFFh
10
32
050000h–057FFFh
11
32
058000h–05FFFFh
12
32
Protection Group
060000h–067FFFh
13
32
068000h–06FFFFh
14
32
070000h–077FFFh
15
32
078000h–07FFFFh
16
32
Protection Group
080000h–087FFFh
17
32
088000h–08FFFFh
18
32
090000h–097FFFh
19
32
098000h–09FFFFh
20
32
Protection Group
0A0000h–0A7FFFh
21
32
0A8000h–0AFFFFh
22
32
0B0000h–0B7FFFh
23
32
0B8000h–0BFFFFh
24
32
Protection Group
0C0000h–0C7FFFh
25
32
0C8000h–0CFFFFh
26
32
0D0000h–0D7FFFh
27
32
0D8000h–0DFFFFh
28
32
Protection Group
0E0000h–0E7FFFh
29
32
0E8000h–0EFFFFh
30
32
0F0000h–0F7FFFh
31
32
0F8000h–0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com