Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 1 Page - STMicroelectronics

  M29W641DH Datasheet HTML 1Page - STMicroelectronics M29W641DH Datasheet HTML 2Page - STMicroelectronics M29W641DH Datasheet HTML 3Page - STMicroelectronics M29W641DH Datasheet HTML 4Page - STMicroelectronics M29W641DH Datasheet HTML 5Page - STMicroelectronics M29W641DH Datasheet HTML 6Page - STMicroelectronics M29W641DH Datasheet HTML 7Page - STMicroelectronics M29W641DH Datasheet HTML 8Page - STMicroelectronics M29W641DH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1/42
PRODUCT PREVIEW
April 2003
This is preliminary information on a new product now in development. Details are subject to change without notice.
M29W641DH, M29W641DL
M29W641DU
64 Mbit (4Mb x16, Uniform Block)
3V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VCC = 2.7V to 3.6V Core Power Supply
–VCCQ = 1.8V to 3.6V for Input/Output
–VPP =12 V for Fast Program (optional)
s
ACCESS TIME: 70, 90, 100 and 120ns
s
PROGRAMMING TIME
– 10 µs typical
– Double Word Program option
s
128 UNIFORM, 32-KWord MEMORY BLOCKS
s
PROGRAM/ERASE CONTROLLER
– Embedded Program and Erase algorithms
s
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
s
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
s
WRITE PROTECT OPTIONS
– M29W641DH: WP Pin for Write Protection of
Highest Address Block
– M29W641DL: WP Pin for Write Protection of
Lowest Address Block
– M29W641DU: No Write Protection
s
TEMPORARY BLOCK UNPROTECTION
MODE
s
COMMON FLASH INTERFACE
s
EXTENDED MEMORY BLOCK
– Extra block used as security block or to store
additional information
s
LOW POWER CONSUMPTION
– Standby and Automatic Standby
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code M29W641D: 22C7h
Figure 1. Packages
TSOP48 (N)
12 x 20mm
FBGA
TFBGA63 (ZA)
7 x 11mm


Similar Part No. - M29W641DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640D STMICROELECTRONICS-M29W640D Datasheet
1Mb / 15P
FLASH NOR HIGH DENSITY & CONSUMER
M29W640DB STMICROELECTRONICS-M29W640DB Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29W640DB70N1E STMICROELECTRONICS-M29W640DB70N1E Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29W640DB70N1F STMICROELECTRONICS-M29W640DB70N1F Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29W640DB70N1T STMICROELECTRONICS-M29W640DB70N1T Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
More results

Similar Description - M29W641DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
31-Oct-2001
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29KW064E STMICROELECTRONICS-M29KW064E Datasheet
233Kb / 30P
64 Mbit 4Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
15-Mar-2005
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com