Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 34 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M29W641DH Datasheet HTML 30Page - STMicroelectronics M29W641DH Datasheet HTML 31Page - STMicroelectronics M29W641DH Datasheet HTML 32Page - STMicroelectronics M29W641DH Datasheet HTML 33Page - STMicroelectronics M29W641DH Datasheet HTML 34Page - STMicroelectronics M29W641DH Datasheet HTML 35Page - STMicroelectronics M29W641DH Datasheet HTML 36Page - STMicroelectronics M29W641DH Datasheet HTML 37Page - STMicroelectronics M29W641DH Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
M29W641DH, M29W641DL, M29W641DU
34/42
Table 22. Primary Algorithm-Specific Extended Query Table
Table 23. Security Code Area
Address
Data
Description
Value
40h
0050h
Primary Algorithm extended Query table unique ASCII string “PRI”
"P"
41h
0052h
"R"
42h
0049h
"I"
43h
0031h
Major version number, ASCII
"1"
44h
0030h
Minor version number, ASCII
"0"
45h
0000h
Address Sensitive Unlock (bits 1 to 0)
00 = required, 01= not required
Silicon Revision Number (bits 7 to 2)
Yes
46h
0002h
Erase Suspend
00 = not supported, 01 = Read only, 02 = Read and Write
2
47h
0004h
Block Protection
00 = not supported, x = number of blocks per protection group
4
48h
0001h
Temporary Block Unprotect
00 = not supported, 01 = supported
Yes
49h
0004h
Block Protect /Unprotect
04 = M29W400B
4
4Ah
0000h
Simultaneous Operations, 00 = not supported
No
4Bh
0000h
Burst Mode, 00 = not supported, 01 = supported
No
4Ch
0000h
Page Mode, 00 = not supported, 01 = 4 page word, 02 = 8 page word
No
4Dh
00B5h
VPP Supply Minimum Program/Erase voltage
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 mV
11.5V
4Eh
00C5h
VPP Supply Maximum Program/Erase voltage
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 mV
12.5V
Address
Data
Description
61h
XXXX
64 bit: unique device number
62h
XXXX
63h
XXXX
64h
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com