Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 19 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M29W641DH Datasheet HTML 15Page - STMicroelectronics M29W641DH Datasheet HTML 16Page - STMicroelectronics M29W641DH Datasheet HTML 17Page - STMicroelectronics M29W641DH Datasheet HTML 18Page - STMicroelectronics M29W641DH Datasheet HTML 19Page - STMicroelectronics M29W641DH Datasheet HTML 20Page - STMicroelectronics M29W641DH Datasheet HTML 21Page - STMicroelectronics M29W641DH Datasheet HTML 22Page - STMicroelectronics M29W641DH Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19/42
M29W641DH, M29W641DL, M29W641DU
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC Characteristic tables that follow are de-
rived from tests performed under the Measure-
ment Conditions summarized in the relevant
tables. Designers should check that the operating
conditions in their circuit match the measurement
conditions when relying on the quoted parame-
ters.
Table 7. Operating and AC Measurement Conditions
Figure 7. AC Measurement I/O Waveform
Figure 8. AC Measurement Load Circuit
Table 8. Device Capacitance
Note: Sampled only, not 100% tested.
Parameter
M29W641D
Unit
70
90
100
120
Min
Max
Min
Max
Min
Max
Min
Max
VCC Supply Voltage
3.0
3.6
2.7
3.6
3.0
3.6
2.7
3.6
V
VCCQ Supply Voltage
3.0
3.6
2.7
3.6
1.65
1.95
1.65
1.95
V
Ambient Operating Temperature
–40
85
–40
85
–40
85
–40
85
°C
Load Capacitance (CL)
30
30
30
30
pF
Input Rise and Fall Times
10
10
10
10
ns
Input Pulse Voltages
0 to VCCQ
0 to VCCQ
0 to VCCQ
0 to VCCQ
V
Input and Output Timing Ref.
Voltages
VCCQ/2
VCCQ/2
VCCQ/2
VCCQ/2
V
AI05557b
VCCQ
0V
VCCQ/2
AI05558b
CL
CL includes JIG capacitance
DEVICE
UNDER
TEST
25k
Ω
VCCQ
25k
Ω
VCC
0.1µF
VCCQ
0.1µF
VPP
0.1µF
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com