Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W641DH Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29W641DH
Description  64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W641DH Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29W641DH Datasheet HTML 27Page - STMicroelectronics M29W641DH Datasheet HTML 28Page - STMicroelectronics M29W641DH Datasheet HTML 29Page - STMicroelectronics M29W641DH Datasheet HTML 30Page - STMicroelectronics M29W641DH Datasheet HTML 31Page - STMicroelectronics M29W641DH Datasheet HTML 32Page - STMicroelectronics M29W641DH Datasheet HTML 33Page - STMicroelectronics M29W641DH Datasheet HTML 34Page - STMicroelectronics M29W641DH Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31/42
M29W641DH, M29W641DL, M29W641DU
Note: 1. Used as the Extended Block Addresses in Extended Block mode.
104
32
Protection Group
340000h–347FFFh
105
32
348000h–34FFFFh
106
32
350000h–357FFFh
107
32
358000h–35FFFFh
108
32
Protection Group
360000h–367FFFh
109
32
368000h–36FFFFh
110
32
370000h–377FFFh
111
32
378000h–37FFFFh
112
32
Protection Group
380000h–387FFFh
113
32
388000h–38FFFFh
114
32
390000h–397FFFh
115
32
398000h–39FFFFh
116
32
Protection Group
3A0000h–3A7FFFh
117
32
3A8000h–3AFFFFh
118
32
3B0000h–3B7FFFh
119
32
3B8000h–3BFFFFh
120
32
Protection Group
3C0000h–3C7FFFh
121
32
3C8000h–3CFFFFh
122
32
3D0000h–3D7FFFh
123
32
3D8000h–3DFFFFh
124
32
Protection Group
3E0000h–3E7FFFh
125
32
3E8000h–3EFFFFh
126
32
3F0000h–3F7FFFh
127
32
3F8000h–3FFFFFh
Block
KWords
Protection Block Group
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com