Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 17 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 17 Page - ABB

Back Button MUL1-R1 Datasheet HTML 13Page - ABB MUL1-R1 Datasheet HTML 14Page - ABB MUL1-R1 Datasheet HTML 15Page - ABB MUL1-R1 Datasheet HTML 16Page - ABB MUL1-R1 Datasheet HTML 17Page - ABB MUL1-R1 Datasheet HTML 18Page - ABB MUL1-R1 Datasheet HTML 19Page - ABB MUL1-R1 Datasheet HTML 20Page - ABB MUL1-R1 Datasheet HTML 21Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Catalog | ABB general purpose drives ACS310 17
Options
Interface
User interface
Panel cover
The purpose of the panel cover is to protect the drive’s
connection surfaces.The ACS310 drive is delivered with a
panel cover as standard. In addition, there are two alternative
control panels available as options.
Basic control panel
The basic control panel features a single line numeric display.
The panel can be used to control the drive, set parameter
values or copy them from one drive to another.
Assistant control panel
The assistant control panel features a multilingual alphanumeric
display for easy drive programming. The control panel has
various assistants and an built-in help function to guide the
user. It includes a real time clock, which can be used during
fault logging and in controlling the drive, such as at start/stop.
The control panel can be used for copying parameters for
back up or for downloading to another drive. A large graphical
display and soft keys make it extremely easy to navigate.
Panel mounting kits
To attach the control panel to the outside of a larger enclosure,
two panel mounting kits are available. A simple and cost-
efficient installation is possible with the ACS/H-CP-EXT
kit, while the OPMP-01 kit provides a more user-friendly
solution, including a panel platform that enables the panel to
be removed in the same way as a drive-mounted panel. The
panel mounting kits include all hardware required, including
3 meters extension cables and installation instructions.
Protection and installation
NEMA 1 kit
The NEMA 1 kit includes a connection box for finger protection,
conduit tube installation, and a hood for protection against
dirt and dust.
Terminal cover
The terminal cover is for protection of the I/O connections.
Clamping plates
The clamping plates are used for protection against electrical
disturbances. The clamping plates with the clamps are
included in the drive package as standard.
Panel cover (included as standard)
Basic control panel
Assistant control panel
Panel holder mounting kit OPMP-01
Clamping plates
(included as standard)
Terminal cover
(included as standard)
NEMA 1 kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com