Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 26 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 26 Page - ABB

Back Button MUL1-R1 Datasheet HTML 20Page - ABB MUL1-R1 Datasheet HTML 21Page - ABB MUL1-R1 Datasheet HTML 22Page - ABB MUL1-R1 Datasheet HTML 23Page - ABB MUL1-R1 Datasheet HTML 24Page - ABB MUL1-R1 Datasheet HTML 25Page - ABB MUL1-R1 Datasheet HTML 26Page - ABB MUL1-R1 Datasheet HTML 27Page - ABB MUL1-R1 Datasheet HTML 28Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26 ABB general purpose drives ACS310 | Catalog
The future of your drives depends on the service
you choose.
Whatever you choose, it should be a well-informed decision.
No guesswork. We have the expertise and experience to
help you find and implement the right service for your drive
equipment. You can start by asking yourself these two critical
questions:
− Why should my drive be serviced?
− What would my optimal service options be?
From here, you have our guidance and full support along the
course you take, throughout the entire lifetime of your drives.
Drives service
Your choice, your future
Service to match your needs
Your choice, your business efficiency
ABB Drive Care agreement lets you focus on your core
business. A selection of predefined service options matching
your needs provides optimal, more reliable performance,
extended drive lifetime and improved cost control. So you can
reduce the risk of unplanned downtime and find it easier to
budget for maintenance.
We can help you more by knowing where you are!
Register your drive at www.abb.com/drivereg for extended
warranty options and other benefits.
Your service needs depend on your operation, life cycle of your equipment and business priorities. We have identified
our customers’ four most common needs and defined service options to satisfy them. What is your choice to keep your
drives at peak performance?
Is rapid response a
key consideration?
If your drives require immediate
action, our global network is at
your service.
Example services include:
Technical Support
On-site Repair
Remote Support
Response time agreements
Training
Need to extend your
assets’ lifetime?
Maximize your drive’s lifetime
with our services.
Example services include:
Life Cycle Assessment
Upgrades, Retrofits and
Modernization
Replacement, Disposal and
Recycling
Is performance
most critical to
your operation?
Get optimal performance out of
your machinery and systems.
Example services include:
Advanced services
Engineering and Consulting
Inspection and Diagnostics
Upgrades, Retrofits and
Modernization
Workshop Repair
Tailored services
Is uptime
your priority?
Keep your drives running with
precisely planned and executed
maintenance.
Example services include:
Life Cycle Assessment
Installation and
Commissioning
Spare Parts
Preventive Maintenance
Reconditioning
ABB Drive Care agreement
Drive Exchange
Performance
improvement
Operational
efficiency
Rapid
response
24
Life cycle
management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com