Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 18 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 18 Page - ABB

Back Button MUL1-R1 Datasheet HTML 14Page - ABB MUL1-R1 Datasheet HTML 15Page - ABB MUL1-R1 Datasheet HTML 16Page - ABB MUL1-R1 Datasheet HTML 17Page - ABB MUL1-R1 Datasheet HTML 18Page - ABB MUL1-R1 Datasheet HTML 19Page - ABB MUL1-R1 Datasheet HTML 20Page - ABB MUL1-R1 Datasheet HTML 21Page - ABB MUL1-R1 Datasheet HTML 22Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18 ABB general purpose drives ACS310 | Catalog
Options
User interfaces
Serial communication
The embedded Modbus EIA-485 fieldbus brings connectivity
to major automation systems. A single twisted pair cable
avoids large amounts of conventional cabling, thereby reducing
costs and increasing system reliability.
Modbus TCP to Modbus RTU gateway
Additionally SREA-01 Ethernet adapter offers Modbus TCP
to Modbus RTU gateway functionality which enables Modbus
TCP connectivity to ACS310. Please refer to SREA-01 user’s
guide for more detailed information.
Extension module
MREL-01
ACS310 has one relay output as standard. The optional
MREL-01 module offers three additional relay outputs. The
outputs can be configured for different functions by setting
selected parameters.
SREA-01 Ethernet adapter
SREA-01 Ethernet adapter with remote monitoring access
can send process data, data logs and event messages
independently, without a PLC or a dedicated on-site
computer. It has an internal web server for configuration and
drive access.
In remote locations without qualified service people on-site
it is vital to be able to monitor the drive remotely. Monitoring
and diagnostics routines can be easily implemented with
ABB’s remote monitoring tool. The remote monitoring tool
enables the connection of multiple drives to Ethernet,
to collect operational data from the process and send the
collected data to a central location for process monitoring
and further analysis.
Extension module MREL-01
SREA-01 Ethernet adapter
FlashDrop connection
Fieldbus connection
Modbus EIA-485
Analog I/O
Relay output
Digital output
Digital inputs
LEDs
Panel connector
EMC filter
ground-
ing screw
(EMC)
Varistor
ground-
ing screw
(VAR)
Removable clip for
labeling
MREL-01 connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com