Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 7 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 7 Page - ABB

Back Button MUL1-R1 Datasheet HTML 3Page - ABB MUL1-R1 Datasheet HTML 4Page - ABB MUL1-R1 Datasheet HTML 5Page - ABB MUL1-R1 Datasheet HTML 6Page - ABB MUL1-R1 Datasheet HTML 7Page - ABB MUL1-R1 Datasheet HTML 8Page - ABB MUL1-R1 Datasheet HTML 9Page - ABB MUL1-R1 Datasheet HTML 10Page - ABB MUL1-R1 Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Catalog | ABB general purpose drives ACS310 7
How to select a drive
It is very easy to select the right drive.
This is how you build up your own ordering code using the
type designation key.
Start with identifying your supply
voltage. This tells you what rating table
to use. See page 8.
1
Choose your motor’s power and current
rating from the ratings table on page 8.
2
Product series
Constructions
Rating and types
Voltage
Options
Type designation:
4
4
3
ACS310
-
0XX
-
XXXX
-
2
+
XXXX
Choose your options (on pages 16 to 23) and add the
option codes to drive’s ordering code.
Remember to use a “+” mark before each option code.
Control panel
J400
Assistant control panel
ACS-CP-A
J404
Basic control panel
ACS-CP-C
Page 8
Ratings
PN
kW
PN
hp
I2N
1)
A
ILD
2)
A
1-phase AC supply, 200 to 240 V
0.37
0.5
2.4
2.3
0.75
1.0
4.7
4.5
1.1
1.5
6.7
6.5
1.5
2.0
7.5
7.2
2.2
3.0
9.8
9.4
3-phase AC supply, 200 to 240 V
0.37
0.5
2.6
2.4
0.55
0.75
3.9
3.5
0.75
1.0
5.2
4.7
1.1
1.5
7.4
6.7
1.5
2.0
8.3
7.5
2.2
3.0
10.8
9.8
3.0
4.0
14.6
13.3
4.0
5.0
19.4
17.6
5.5
7.5
26.8
24.4
7.5
10.0
34.1
31.0
11.0
15.0
50.8
46.2
3-phase AC supply, 380 to 480 V
0.37
0.5
1.3
1.2
0.55
0.75
2.1
1.9
0.75
1.0
2.6
2.4
1.1
1.5
3.6
3.3
1.5
2.0
4.5
4.1
2.2
3.0
6.2
5.6
3.0
4.0
8.0
7.3
4.0
5.0
9.7
8.8
5.5
7.5
13.8
12.5
7.5
10.0
17.2
15.6
11.0
15.0
25.4
23.1
15.0
20.0
34.1
31
18.5
25.0
41.8
38
22.0
30.0
48.4
44
Page 8
Select your drive’s ordering code from
the rating table based on your motor’s
nominal power rating.
3
Type designation
ACS310-01X-02A4-2
ACS310-01X-04A7-2
ACS310-01X-06A7-2
ACS310-01x-07A5-2
ACS310-01x-09A8-2
ACS310-03X-02A6-2
ACS310-03X-03A9-2
ACS310-03X-05A2-2
ACS310-03X-07A4-2
ACS310-03X-08A3-2
ACS310-03X-10A8-2
ACS310-03X-14A6-2
ACS310-03X-19A4-2
ACS310-03X-26A8-2
ACS310-03X-34A1-2
ACS310-03X-50A8-2
ACS310-03X-01A3-4
ACS310-03X-02A1-4
ACS310-03X-02A6-4
ACS310-03X-03A6-4
ACS310-03X-04A5-4
ACS310-03X-06A2-4
ACS310-03X-08A0-4
ACS310-03X-09A7-4
ACS310-03X-13A8-4
ACS310-03X-17A2-4
ACS310-03X-25A4-4
ACS310-03X-34A1-4
ACS310-03X-41A8-4
ACS310-03X-48A4-4
Pages 16 to 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com