Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 5 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 5 Page - ABB

  MUL1-R1 Datasheet HTML 1Page - ABB MUL1-R1 Datasheet HTML 2Page - ABB MUL1-R1 Datasheet HTML 3Page - ABB MUL1-R1 Datasheet HTML 4Page - ABB MUL1-R1 Datasheet HTML 5Page - ABB MUL1-R1 Datasheet HTML 6Page - ABB MUL1-R1 Datasheet HTML 7Page - ABB MUL1-R1 Datasheet HTML 8Page - ABB MUL1-R1 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Catalog | ABB general purpose drives ACS310 5
Powerful set of pump and fan features
Integrated and preprogrammed features like
pump cleaning, pipefill, inlet/outlet pressure
supervision and detection of under or overload
improve system reliability and lifetime. Built-in
PFC feature can eliminate the need for an
external programmable logic controller (PLC).
FlashDrop tool
FlashDrop is a powerful palm sized drive
configuration tool that copies a pre-defined
drive parameter set into a drive in 2 seconds
without a power connection to the drive.
Remote monitoring
Optional SREA-01 module enables
remote monitoring and access to
drive’s parameters and process via web
browser. It enables sending log files,
alarms and events by E-mail and SMS.
Additionally SREA-01 offers Modbus
TCP connectivity to ACS310.
Internal Modbus EIA-485 connection
Built-in terminals and connectivity for
Modbus RTU as standard enables the
system control and monitoring in the most
user friendly and cost effective way.
Relay extension module MREL-01
The optional MREL-01 module offers
three additional relay outputs. The
outputs can be configured for different
functions by setting selected parameters
eg, for multipump/-fan control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com