Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 13 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 13 Page - ABB

Back Button MUL1-R1 Datasheet HTML 9Page - ABB MUL1-R1 Datasheet HTML 10Page - ABB MUL1-R1 Datasheet HTML 11Page - ABB MUL1-R1 Datasheet HTML 12Page - ABB MUL1-R1 Datasheet HTML 13Page - ABB MUL1-R1 Datasheet HTML 14Page - ABB MUL1-R1 Datasheet HTML 15Page - ABB MUL1-R1 Datasheet HTML 16Page - ABB MUL1-R1 Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Typical I/O connections
Catalog | ABB general purpose drives ACS310 13
Control connections
Application macros
Application macros are preprogrammed parameter sets. While
starting up the drive, the user typically selects one of the
macros that is best suited for the application. The diagram
below gives an overview of ACS310 control connections
and shows the default I/O connections for the ABB standard
macro.
− ABB standard macro
− 3-wire macro
− Alternative macro
− Motor potentiometer
− Hand/auto macro
− PID control macro
− PFC control macro
− SPFC control macro
− Modbus application macro
SCR
AI1
GND
+10 V
AI2
GND
+24 V
GND
DCOM
DI1
DI2
DI3
DI4
DI5
PE
U1
V1
W1
AO
GND
ROCOM
RONC
RONO
DOSRC
DOOUT
DOGND
EMC
VAR
U2
V2
W2
Control panel
(RJ-45)
PE
L1
L2
L3
AC motor
M
3
~
Analog output
0 to 20 mA
PROGRAMMABLE RELAY
AND DIGITAL OUTPUTS
Relay output
250 V AC/30 V DC/6 A
Digital/frequency output,
PNP transistor type
30 V DC, max. 100 mA
EMC filter grounding screw
Varistor grounding screw
Screen
8
Analog input 1
0 to 10 V
Reference voltage
+10 V DC, max 10 mA
Analog input 2
Aux. voltage output
+24 V DC, max. 200 mA
PROGRAMMABLE
DIGITAL INPUTS
FlashDrop
Modbus RTU
(EIA-485)
3-phase
power supply,
200 to
480 V AC
Input
choke
Output
choke
EMC
filter
mA
V
Output relay
module MREL-01
S1
1
2
3
4
5
6
9
10
11
12
13
14
15
16
23
24
25
26
SHIELD
B
A
GND_A
J701
6
DI5 can also be used
as a frequency input
9
10
11
12
13
14
15
16
+24 V
GND
DCOM
DI1
DI2
DI3
DI4
DI5
DI configuration PNP connected (source) with external
power supply
Const.
speed 1
Fwd/
Rev
Start/
Stop
+ 24 V
0 V
ACS310: X1
DI configuration NPN connected (sink)
+24 V
GND
DCOM
DI1
DI2
DI3
DI4
DI5
9
10
11
12
13
14
15
16
ACS310: X1
Ramp
pair sel
Const.
Speed 1
Fwd/
Rev
Start/
Stop
In addition to the standard macros, the user can create three
user macros. The user macro allows the user to save the
parameter settings for later use.
The diagram below gives an overview of ACS310 control
connections. Please refer to the ACS310 user’s manual for
more detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com