Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 9 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 9 Page - ABB

Back Button MUL1-R1 Datasheet HTML 5Page - ABB MUL1-R1 Datasheet HTML 6Page - ABB MUL1-R1 Datasheet HTML 7Page - ABB MUL1-R1 Datasheet HTML 8Page - ABB MUL1-R1 Datasheet HTML 9Page - ABB MUL1-R1 Datasheet HTML 10Page - ABB MUL1-R1 Datasheet HTML 11Page - ABB MUL1-R1 Datasheet HTML 12Page - ABB MUL1-R1 Datasheet HTML 13Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Catalog | ABB general purpose drives ACS310 9
Technical data
Mains connection
Voltage and
power range
1-phase, 200 to 240 V ± 10%
0.37 to 2.2 kW (0.5 to 3 hp)
3-phase, 200 to 240 V ± 10%
0.37 to 11 kW (0.5 to 15 hp)
3-phase, 380 to 480 V ± 10%
0.37 to 22 kW (0.5 to 30 hp)
Frequency
48 to 63 Hz
Motor connection
Voltage
3-phase, from 0 to Usupply
Frequency
0 to 500 Hz
Continuous loading
capability
I
2N maximum continuous output current
at ambient temperature of +40 °C.
No overloadability, derating 1% for every
additional 1 °C up to 50 °C.
I
LD continuous output current at max
ambient temperature of +50 °C.
10% overloadability for one minute every
ten minutes.
At start 1.6 x I
2N for 2 s
Switching frequency
Default
Selectable
4 kHz
4 to 16 kHz with 4 kHz steps
Acceleration time
0.1 to 1800 s
Deceleration time
0.1 to 1800 s
Motor control method
Scalar U/f
Environmental limits
Ambient temperature
-10 to 50 oC (14 to 122 oF), no frost
allowed
Altitude
Output current
Rated current available at 0 to 1000 m
(0 to 3281 ft) reduced by 1% per 100 m
(328 ft) over 1000 to 2000 m
(3281 to 6562 ft)
Relative humidity
Lower than 95% (without condensation)
Degree of protection
IP20/optional NEMA 1 enclosure
Enclosure colour
NCS 1502-Y, RAL 9002, PMS 420 C
Contamination levels
Transportation
Storage
Operation
IEC721-3-3
No conductive dust allowed
Class 1C2 (chemical gases)
Class 1S2 (solid particles)
Class 2C2 (chemical gases)
Class 2S2 (solid particles)
Class 3C2 (chemical gases)
Class 3S2 (solid particles)
Product compliance
Low Voltage Directive 2006/95/EC
Machinery Directive 2006/42/EC
EMC Directive 2004/108/EC
Quality assurance system ISO 9001
Environmental system ISO 14001
UL, cUL, CE, C-Tick and GOST R approvals
RoHS compliant
Programmable control connections
Two analog inputs
Voltage signal
Unipolar
Bipolar
Current signal
Unipolar
Bipolar
Resolution
Accuracy
0 (2) to 10 V, Rin > 312 kΩ
-10 to 10 V, Rin > 312 kΩ
0 (4) to 20 mA, Rin = 100 Ω
-20 to 20 mA, Rin = 100 Ω
0.1%
± 1%
One analog output
0 (4) to 20 mA, load < 500 Ω
Auxiliary voltage
24 V DC ± 10%, max. 200 mA
Five digital inputs
Input impedance
12 to 24 V DC with internal or external
supply, PNP and NPN, pulse train
0 to 16 kHz
2.4 kΩ
One relay output
Type
Maximum switching voltage
Maximum switching current
Maximum continuous current
NO + NC
250 V AC/30 V DC
0.5 A/30 V DC; 5 A/230 V AC
2 A rms
One digital output
Type
Maximum switching voltage
Maximum switching current
Frequency
Resolution
Accuracy
Transistor output
30 V DC
100 mA/30 V DC, short circuit
10 Hz to 16 kHz
1 Hz
0.2%
Serial communication
Fieldbus
Cable
Termination
Isolation
Transfer rate
Communication type
Protocol
Modbus EIA-485, embedded
Shielded twisted pair, impedance 100 to
150 ohms
Daisy-chained bus, without dropout lines
Bus interface isolated from drive
1.2 to 76.8 kbit/s
Serial, asynchronous, half duplex
Modbus
Chokes
AC input chokes
External option
For reducing THD in partial loads and to
comply with EN/IEC 61000-3-12
AC output chokes
External option
To achieve longer motor cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com