Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 8 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 8 Page - ABB

Back Button MUL1-R1 Datasheet HTML 4Page - ABB MUL1-R1 Datasheet HTML 5Page - ABB MUL1-R1 Datasheet HTML 6Page - ABB MUL1-R1 Datasheet HTML 7Page - ABB MUL1-R1 Datasheet HTML 8Page - ABB MUL1-R1 Datasheet HTML 9Page - ABB MUL1-R1 Datasheet HTML 10Page - ABB MUL1-R1 Datasheet HTML 11Page - ABB MUL1-R1 Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8 ABB general purpose drives ACS310 | Catalog
Ratings and types
Type designation
This is the unique reference number (shown above and in
column 5. left) that clearly identifies the drive by power rating
and frame size. Once the drive’s type designation has been
selected, the frame size (column 6) can be used to determine
the drive dimensions, shown on 10.
Voltages
ACS310 is available in two voltage ranges:
2 = 200 to 240 V
4 = 380 to 480 V
Insert either “2” or “4”, depending on your chosen voltage,
into the type designation shown above.
Construction
“XXE” within the type designation (shown above) varies
depending on the drive phase and EMC filtering. Choose
below the one you need.
01 = 1-phase
03 = 3-phase
E = EMC filter connected, 50 Hz frequency
U = EMC filter disconnected, 60 Hz frequency
(In case the filter is required it can easily be connected.)
Ratings
Type designation
Frame
size
PN
kW
PN
hp
I2N
1)
A
ILD
2)
A
1-phase AC supply, 200 to 240 V
0.37
0.5
2.4
2.3
ACS310-01X-02A4-2
R0
0.75
1.0
4.7
4.5
ACS310-01X-04A7-2
R1
1.1
1.5
6.7
6.5
ACS310-01X-06A7-2
R1
1.5
2.0
7.5
7.2
ACS310-01x-07A5-2
R2
2.2
3.0
9.8
9.4
ACS310-01x-09A8-2
R2
3-phase AC supply, 200 to 240 V
0.37
0.5
2.6
2.4
ACS310-03X-02A6-2
R0
0.55
0.75
3.9
3.5
ACS310-03X-03A9-2
R0
0.75
1.0
5.2
4.7
ACS310-03X-05A2-2
R1
1.1
1.5
7.4
6.7
ACS310-03X-07A4-2
R1
1.5
2.0
8.3
7.5
ACS310-03X-08A3-2
R1
2.2
3.0
10.8
9.8
ACS310-03X-10A8-2
R2
3.0
4.0
14.6
13.3
ACS310-03X-14A6-2
R2
4.0
5.0
19.4
17.6
ACS310-03X-19A4-2
R2
5.5
7.5
26.8
24.4
ACS310-03X-26A8-2
R3
7.5
10.0
34.1
31.0
ACS310-03X-34A1-2
R4
11.0
15.0
50.8
46.2
ACS310-03X-50A8-2
R4
3-phase AC supply, 380 to 480 V
0.37
0.5
1.3
1.2
ACS310-03X-01A3-4
R0
0.55
0.75
2.1
1.9
ACS310-03X-02A1-4
R0
0.75
1.0
2.6
2.4
ACS310-03X-02A6-4
R1
1.1
1.5
3.6
3.3
ACS310-03X-03A6-4
R1
1.5
2.0
4.5
4.1
ACS310-03X-04A5-4
R1
2.2
3.0
6.2
5.6
ACS310-03X-06A2-4
R1
3.0
4.0
8.0
7.3
ACS310-03X-08A0-4
R1
4.0
5.0
9.7
8.8
ACS310-03X-09A7-4
R1
5.5
7.5
13.8
12.5
ACS310-03X-13A8-4
R3
7.5
10.0
17.2
15.6
ACS310-03X-17A2-4
R3
11.0
15.0
25.4
23.1
ACS310-03X-25A4-4
R3
15.0
20.0
34.1
31
ACS310-03X-34A1-4
R4
18.5
25.0
41.8
38
ACS310-03X-41A8-4
R4
22.0
30.0
48.4
44
ACS310-03X-48A4-4
R4
X within the type code stands for E or U.
1)
I2N maximum continuous output current at ambient temperature of +40 °C.
No overloadability, derating 1% for every additional 1 °C up to +50 °C.
2)
ILD continuous output current at max ambient temperature of +50 °C.
10% overloadability for one minute every ten minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com