Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R1 Datasheet(PDF) 3 Page - ABB

Part # MUL1-R1
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R1 Datasheet(HTML) 3 Page - ABB

  MUL1-R1 Datasheet HTML 1Page - ABB MUL1-R1 Datasheet HTML 2Page - ABB MUL1-R1 Datasheet HTML 3Page - ABB MUL1-R1 Datasheet HTML 4Page - ABB MUL1-R1 Datasheet HTML 5Page - ABB MUL1-R1 Datasheet HTML 6Page - ABB MUL1-R1 Datasheet HTML 7Page - ABB MUL1-R1 Datasheet HTML 8Page - ABB MUL1-R1 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Catalog | ABB general purpose drives ACS310 3
Contents
ACS310 drives for a wide range of variable torque applications..............................2
Essentials inside for basic applications .................................................................4
Typical applications..............................................................................................6
How to select a drive ...........................................................................................7
Ratings and types................................................................................................8
Technical data .....................................................................................................9
Dimensions and weights ....................................................................................10
Cooling.......... ...................................................................................................11
Fuses................................................................................................................12
Control connections...........................................................................................13
Control program example...................................................................................14
Options........ .....................................................................................................16
Compact AC500-eCo PLC with ACS310.............................................................23
ABB product offering .........................................................................................24
Life cycle services..............................................................................................26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com