Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 176 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 176 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 172Page - Texas Instruments AM261...ZFG Datasheet HTML 173Page - Texas Instruments AM261...ZFG Datasheet HTML 174Page - Texas Instruments AM261...ZFG Datasheet HTML 175Page - Texas Instruments AM261...ZFG Datasheet HTML 176Page - Texas Instruments AM261...ZFG Datasheet HTML 177Page - Texas Instruments AM261...ZFG Datasheet HTML 178Page - Texas Instruments AM261...ZFG Datasheet HTML 179Page - Texas Instruments AM261...ZFG Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 218 page
background image
6.11.5.14.5 PRU-ICSS Universal Asynchronous Receiver Transmitter (UART)
6.11.5.14.5.1 PRU-ICSS UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.01
0.33
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
1
30
pF
6.11.5.14.5.2 PRU-ICSS UART Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRUR1H
tw(RXH)
Pulse duration, Receive start, stop, data bit High
U(1)
ns
PRUR1L
tw(RXL)
Pulse duration, Receive start, stop, data bit Low
–2 + U(1)
ns
(1)
U = UART baud time = 1/programmed baud rate.
6.11.5.14.5.3 PRU-ICSS UART Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRUR2
f(baud)
Maximum programmable baud rate
U(1)
ns
PRUR3H
tw(TXH)
Pulse duration, Transmit start, stop, data bit
High
–2 + U(1)
ns
(1)
U = UART baud time = 1/programmed baud rate.
PRUR3L
Start
Bit
Data Bits
PRG _UART0_TXD
i
PRU_UART_TIMING_01
PRUR3H
PRUR1L
Data Bits
Bit
Start
PRG _UART0_RXD
i
PRUR1H
(1)
(1)
(1) i in PRG _UART0_RXD and PRG _UART0_TXD = 0, 1 or 2
i
i
Figure 6-78. PRU-ICSS UART Timing Requirements and Switching Characteristics
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
176
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com