Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 179 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 179 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 175Page - Texas Instruments AM261...ZFG Datasheet HTML 176Page - Texas Instruments AM261...ZFG Datasheet HTML 177Page - Texas Instruments AM261...ZFG Datasheet HTML 178Page - Texas Instruments AM261...ZFG Datasheet HTML 179Page - Texas Instruments AM261...ZFG Datasheet HTML 180Page - Texas Instruments AM261...ZFG Datasheet HTML 181Page - Texas Instruments AM261...ZFG Datasheet HTML 182Page - Texas Instruments AM261...ZFG Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 218 page
background image
PARAMETER
MIN
MAX
UNIT
CL
Output Load Capacitance
2
20
pF
6.11.5.14.7.2.2 PRU-ICSS MII Timing Requirements - MII[x]_RX_CLK
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PMIR1
tc(RX_CLK)
Cycle time, MII[x]_RX_CLK
10Mbps
399.96
400.04
ns
100Mbps
39.996
40.004
ns
PMIR2
tw(RX_CLKH)
Pulse duration, MII[x]_RX_CLK high
10Mbps
140
260
ns
100Mbps
14
26
ns
PMIR3
tw(RX_CLKL)
Pulse duration, MII[x]_RX_CLK low
10Mbps
140
260
ns
100Mbps
14
26
ns
MII_RX_CLK
PMIR2
PMIR3
PMIR1
PRU_MII_RT_TIMING_04
Figure 6-82. PRU-ICSS MII[x]_RX_CLK Timing
6.11.5.14.7.2.3 PRU-ICSS MII Timing Requirements - MII[x]_RXD[3:0], MII[x]_RX_DV, and MII[x]_RX_ER
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PMIR4
tsu(RXD-RX_CLK)
Setup time, MII[x]_RXD[3:0] valid before
MII[x]_RX_CLK
10Mbps
8
ns
tsu(RX_DV-RX_CLK)
Setup time, MII[x]_RX_DV valid before
MII[x]_RX_CLK
8
ns
tsu(RX_ER-RX_CLK)
Setup time, MII[x]_RX_ER valid before
MII[x]_RX_CLK
8
ns
tsu(RXD-RX_CLK)
Setup time, MII[x]_RXD[3:0] valid before
MII[x]_RX_CLK
100Mbps
8
ns
tsu(RX_DV-RX_CLK)
Setup time, MII[x]_RX_DV valid before
MII[x]_RX_CLK
8
ns
tsu(RX_ER-RX_CLK)
Setup time, MII[x]_RX_ER valid before
MII[x]_RX_CLK
8
ns
PMIR5
th(RX_CLK-RXD)
Hold time, MII[x]_RXD[3:0] valid after
MII[x]_RX_CLK
10Mbps
8
ns
th(RX_CLK-RX_DV)
Hold time, MII[x]_RX_DV valid after
MII[x]_RX_CLK
8
ns
th(RX_CLK-RX_ER)
Hold time, MII[x]_RX_ER valid after
MII[x]_RX_CLK
8
ns
th(RX_CLK-RXD)
Hold time, MII[x]_RXD[3:0] valid after
MII[x]_RX_CLK
100Mbps
8
ns
th(RX_CLK-RX_DV)
Hold time, MII[x]_RX_DV valid after
MII[x]_RX_CLK
8
ns
th(RX_CLK-RX_ER)
Hold time, MII[x]_RX_ER valid after
MII[x]_RX_CLK
8
ns
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
179
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com