Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 108 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 104Page - Texas Instruments AM261...ZFG Datasheet HTML 105Page - Texas Instruments AM261...ZFG Datasheet HTML 106Page - Texas Instruments AM261...ZFG Datasheet HTML 107Page - Texas Instruments AM261...ZFG Datasheet HTML 108Page - Texas Instruments AM261...ZFG Datasheet HTML 109Page - Texas Instruments AM261...ZFG Datasheet HTML 110Page - Texas Instruments AM261...ZFG Datasheet HTML 111Page - Texas Instruments AM261...ZFG Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 218 page
background image
SAFETY_ERRORn
(PWM Mode Enabled)
SAFETY_ERRORn
(PWM Mode Disabled)
SFTY1
SFTY2
SFTY3
Internal Error Condition
(Active High)
Figure 6-7. SAFETY_ERRORn Timing Requirements and Switching Characteristics
6.11.4 Clock Specifications
6.11.4.1 Input Clocks / Oscillators
6.11.4.1.1 Crystal Oscillator (XTAL) Parameters
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Crystal Parallel Resonance Frequency
(Fundamental mode oscillation only)
–50ppm
25
50ppm
MHz
Duty Cycle
Duty cycle output of XTAL
45
50
55
%
CC1
Capacitance of CL1 + CPCBXI
12
24
pF
CC2
Capacitance of CL2 + CPCBXO
12
24
pF
Cshunt
Crystal Circuit Shunt Capacitance
5
pF
ESRxtal
Crystal Effective Series Resistance
46
Ω
6.11.4.1.2 External Clock Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
CPkg
Shunt Capacitance of package
0.01
pF
Pxtal
Power dissipation
0.5 × ESR × (2 × π × Fxtal × CL × 1.8)2
W
ts
Startup time
1.5
ms
6.11.4.2 Clock Timing
Tables and figures provided in this section define timing requirements and switching characteristics for clock
signals.
6.11.4.2.1 Clock Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CLK1
tc(EXT_REFCLK) Cycle time minimum, EXT_REFCLK
10
ns
CLK2
tw(EXT_REFCLK
H)
Pulse Duration minimum,
EXT_REFCLK high
E(1) × 0.45
E(1) × 0.55
ns
CLK3
tw(EXT_REFCLKL
)
Pulse Duration minimum,
EXT_REFCLK low
E(1) × 0.45
E(1) × 0.55
ns
(1)
E = EXT_REFCLK cycle time
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
108
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com