Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 110 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 110 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 106Page - Texas Instruments AM261...ZFG Datasheet HTML 107Page - Texas Instruments AM261...ZFG Datasheet HTML 108Page - Texas Instruments AM261...ZFG Datasheet HTML 109Page - Texas Instruments AM261...ZFG Datasheet HTML 110Page - Texas Instruments AM261...ZFG Datasheet HTML 111Page - Texas Instruments AM261...ZFG Datasheet HTML 112Page - Texas Instruments AM261...ZFG Datasheet HTML 113Page - Texas Instruments AM261...ZFG Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 218 page
background image
6.11.5 Peripherals
6.11.5.1 3-port Gigabit Ethernet MAC (CPSW)
Note
The CPSW supports two external Ethernet ports and one internal CPDMA host port.
For more details about features and additional description information on the device CPSW (3-port Gigabit
Ethernet MAC), see the Gigabit Ethernet Switch section in the device TRM.
6.11.5.1.1 CPSW MDIO Timing
6.11.5.1.1.1 CPSW MDIO Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
10
20
pF
6.11.5.1.1.2 CPSW MDIO Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO1
tsu(MDIO-MDC)
Setup time, MDIO_DATA valid before
MDIO_CLK high
25
ns
MDIO2
th(MDC-MDIO)
Hold time, MDIO_DATA valid after MDIO_CLK
high
0
ns
6.11.5.1.1.3 CPSW MDIO Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO3
tc(MDC)
Cycle time, MDIO_CLK
50
ns
MDIO4
tw(MDCH)
Pulse duration, MDIO_CLK high
19
ns
MDIO5
tw(MDCL)
Pulse duration, MDIO_CLK low
19
ns
MDIO7
td(MDC_MDIO)
Delay time, MDIO_CLK low to MDIO_DATA
valid
–10
10
ns
MDIO3
MDIO1
MDIO2
MDIO7
MDIO4
MDIO5
MDIO[x]_MDC
MDIO[x]_MDIO
(input)
MDIO[x]_MDIO
(output)
CPSW2G_MDIO_TIMING_01
Figure 6-10. CPSW MDIO Timing Requirements and Switching Characteristics
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
110
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com