Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 114 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 114 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 110Page - Texas Instruments AM261...ZFG Datasheet HTML 111Page - Texas Instruments AM261...ZFG Datasheet HTML 112Page - Texas Instruments AM261...ZFG Datasheet HTML 113Page - Texas Instruments AM261...ZFG Datasheet HTML 114Page - Texas Instruments AM261...ZFG Datasheet HTML 115Page - Texas Instruments AM261...ZFG Datasheet HTML 116Page - Texas Instruments AM261...ZFG Datasheet HTML 117Page - Texas Instruments AM261...ZFG Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 218 page
background image
6.11.5.1.3 CPSW RMII Timing
6.11.5.1.3.1 CPSW RMII Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
VDD = 3.3V
0.4
1.2
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
3
25
pF
6.11.5.1.3.2 CPSW RMII[x]_REFCLK Timing Requirements - RMII Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RMII1
tc(REF_CLK)
Cycle time, REF_CLK
19.999
20
ns
RMII2
tw(REF_CLKH)
Pulse duration, REF_CLK High
7
13
ns
RMII3
tw(REF_CLKL)
Pulse duration, REF_CLK Low
7
13
ns
RMII[x]_REF_CLK
RMII2
RMII3
RMII1
Figure 6-13. CPSW RMII[x]_REF_CLK Timing Requirements – RMII Mode
6.11.5.1.3.3 CPSW RMII[x]_RXD[1:0], RMII[x]_CRS_DV, and RMII[x]_RXER Timing Requirements - RMII Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RMII4
tsu(RXD-REF_CLK)
Setup time, RXD[1:0] valid before REF_CLK
4
ns
tsu(CRS_DV-REF_CLK)
Setup time, CRS_DV valid before REF_CLK
4
ns
tsu(RX_ER-REF_CLK)
Setup time, RX_ER valid before REF_CLK
4
ns
RMII5
th(REF_CLK-RXD)
Hold time, RXD[1:0] valid after REF_CLK
2
ns
th(REF_CLK-CRS_DV)
Hold time, CRS_DV valid after REF_CLK
2
ns
th(REF_CLK-RX_ER)
Hold time, RX_ER valid after REF_CLK
2
ns
RMII4
RMII5
RMII[x]_
_
REF CLK
RMII[x]_RXD[1:0], RMII[x]_CRS_DV,
RMII[x]_RX_ER
Figure 6-14. CPSW RMII[x]_RXD[1:0], RMII[x]_CRS_DV, RMII[x]_RX_ER Timing Requirements – RMII
Mode
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
114
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com