Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 124 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 120Page - Texas Instruments AM261...ZFG Datasheet HTML 121Page - Texas Instruments AM261...ZFG Datasheet HTML 122Page - Texas Instruments AM261...ZFG Datasheet HTML 123Page - Texas Instruments AM261...ZFG Datasheet HTML 124Page - Texas Instruments AM261...ZFG Datasheet HTML 125Page - Texas Instruments AM261...ZFG Datasheet HTML 126Page - Texas Instruments AM261...ZFG Datasheet HTML 127Page - Texas Instruments AM261...ZFG Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 218 page
background image
6.11.5.6 General Purpose Input/Output (GPIO)
For more details about features and additional description information on the device GPIO, see the
corresponding subsections within Signal Descriptions and Detailed Description sections.
For more information, see General-Purpose Interface (GPIO) section in the device TRM.
6.11.5.6.1 GPIO Timing Conditions
PARAMETER
BUFFER TYPE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.75
6.6
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
LVCMOS
3
10
pF
I2C OD FS(1)
3
10
pF
(1)
A pull-up resistor is required for buffer type I2C OD FS.
6.11.5.6.2 GPIO Timing Requirements
NO.
PARAMETER
DESCRIPTION
BUFFER TYPE
MIN
MAX
UNIT
D3
tw(GPIO_IN)
Minimum Input Pulse Width
LVCMOS
2P(1) + 2
ns
D4
I2C OD FS(2)
2P(1) + 2
ns
(1)
P = functional clock period in ns.
(2)
A pull-up resistor is required for buffer type I2C OD FS.
6.11.5.6.3 GPIO Switching Characteristics
NO.
PARAMETER
DESCRIPTION
BUFFER TYPE
MIN
MAX
UNIT
D1
tw(GPIO_OUT)
Minimum Output Pulse Width
LVCMOS
0.975P(1) – 2
ns
D2
tw(GPIO_OUT)
Minimum Output Pulse Width Low
I2C OD FS(2)
2P(1) + 160
ns
D3
tw(GPIO_OUT)
Minimum Output Pulse Width High
I2C OD FS(2)
2P(1) + 160
ns
(1)
P = functional clock period in ns.
(2)
A pull-up resistor is required for buffer type I2C OD FS.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
124
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com