Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 127 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 127 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 123Page - Texas Instruments AM261...ZFG Datasheet HTML 124Page - Texas Instruments AM261...ZFG Datasheet HTML 125Page - Texas Instruments AM261...ZFG Datasheet HTML 126Page - Texas Instruments AM261...ZFG Datasheet HTML 127Page - Texas Instruments AM261...ZFG Datasheet HTML 128Page - Texas Instruments AM261...ZFG Datasheet HTML 129Page - Texas Instruments AM261...ZFG Datasheet HTML 130Page - Texas Instruments AM261...ZFG Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 218 page
background image
(18) (19) (20)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
F20
tw(advnV)
Pulse duration, GPMC0_ADVn_ALE low
Read
K(17)
ns
Write
K(17)
ns
(1)
For single read: A = (CSRdOffTime - CSOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
With n being the page burst access number.
(2)
B = ClkActivationTime × GPMC_FCLK(18)
(3)
For single read: C = RdCycleTime × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For burst read: C = (RdCycleTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For burst write: C = (WrCycleTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
With n being the page burst access number.
(4)
For single read: D = (RdCycleTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For burst read: D = (RdCycleTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For burst write: D = (WrCycleTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
(5)
For single read: E = (CSRdOffTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For burst read: E = (CSRdOffTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For burst write: E = (CSWrOffTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
(6)
For csn falling edge (CS activated):
– Case GpmcFCLKDivider = 0:
– F = 0.5 × CSExtraDelay × GPMC_FCLK(18)
– Case GpmcFCLKDivider = 1:
– F = 0.5 × CSExtraDelay × GPMC_FCLK(18) if (ClkActivationTime and CSOnTime are odd) or (ClkActivationTime and CSOnTime are
even)
– F = (1 + 0.5 × CSExtraDelay) × GPMC_FCLK(18) otherwise
– Case GpmcFCLKDivider = 2:
– F = 0.5 × CSExtraDelay × GPMC_FCLK(18) if ((CSOnTime - ClkActivationTime) is a multiple of 3)
– F = (1 + 0.5 × CSExtraDelay) × GPMC_FCLK(18) if ((CSOnTime - ClkActivationTime - 1) is a multiple of 3)
– F = (2 + 0.5 × CSExtraDelay) × GPMC_FCLK(18) if ((CSOnTime - ClkActivationTime - 2) is a multiple of 3)
(7)
For ADV falling edge (ADV activated):
– Case GpmcFCLKDivider = 0:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18)
– Case GpmcFCLKDivider = 1:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18) if (ClkActivationTime and ADVOnTime are odd) or (ClkActivationTime and
ADVOnTime are even)
– G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) otherwise
– Case GpmcFCLKDivider = 2:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18) if ((ADVOnTime - ClkActivationTime) is a multiple of 3)
– G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) if ((ADVOnTime - ClkActivationTime - 1) is a multiple of 3)
– G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) if ((ADVOnTime - ClkActivationTime - 2) is a multiple of 3)
For ADV rising edge (ADV deactivated) in Reading mode:
– Case GpmcFCLKDivider = 0:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18)
– Case GpmcFCLKDivider = 1:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18) if (ClkActivationTime and ADVRdOffTime are odd) or (ClkActivationTime and
ADVRdOffTime are even)
– G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) otherwise
– Case GpmcFCLKDivider = 2:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18) if ((ADVRdOffTime - ClkActivationTime) is a multiple of 3)
– G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) if ((ADVRdOffTime - ClkActivationTime - 1) is a multiple of 3)
– G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) if ((ADVRdOffTime - ClkActivationTime - 2) is a multiple of 3)
(8)
For ADV rising edge (ADV deactivated) in Writing mode:
– Case GpmcFCLKDivider = 0:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18)
– Case GpmcFCLKDivider = 1:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18) if (ClkActivationTime and ADVWrOffTime are odd) or (ClkActivationTime and
ADVWrOffTime are even)
– G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) otherwise
– Case GpmcFCLKDivider = 2:
– G = 0.5 × ADVExtraDelay × GPMC_FCLK(18) if ((ADVWrOffTime - ClkActivationTime) is a multiple of 3)
– G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) if ((ADVWrOffTime - ClkActivationTime - 1) is a multiple of 3)
– G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(18) if ((ADVWrOffTime - ClkActivationTime - 2) is a multiple of 3)
(9)
For OE falling edge (OE activated) and IO DIR rising edge (Data Bus input direction):
– Case GpmcFCLKDivider = 0:
– H = 0.5 × OEExtraDelay × GPMC_FCLK(18)
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
127
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com