Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 17 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 17 Page - ABB

Back Button OPS2 Datasheet HTML 13Page - ABB OPS2 Datasheet HTML 14Page - ABB OPS2 Datasheet HTML 15Page - ABB OPS2 Datasheet HTML 16Page - ABB OPS2 Datasheet HTML 17Page - ABB OPS2 Datasheet HTML 18Page - ABB OPS2 Datasheet HTML 19Page - ABB OPS2 Datasheet HTML 20Page - ABB OPS2 Datasheet HTML 21Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 192 page
background image
—
Manual switch-disconnectors OT16...100, UL
Technical data for non fusible disconnect switches
Technical data according to IEC 60947-3
Switch type
OT16F
OT25F
OT40F
OT63F
OT80F
OT30F
OT60F
OT100F
Rated insulation voltage
and rated operational
voltage AC20/DC20
Pollution
degree 3
750 V
750 V
750 V
750 V
750 V
750 V
750 V
750 V
Dielectric strength
50 Hz 1 min.
6 kV
6 kV
6 kV
6 kV
6 kV
6 kV
6 kV
6 kV
Rated impulse
withstand voltage
8 kV
8 kV
8 kV
8 kV
8 kV
8 kV
8 kV
8 kV
Rated operational
current, AC-22A
up to 415 V
16 A
25 A
40 A
63 A
80 A
40 A
63 A
100 A
440...500 V
16 A
25 A
40 A
63 A
80 A
40 A
63 A
100 A
690 V
16 A
25 A
40 A
63 A
80 A
40 A
63 A
100 A
Rated operational
current, AC-23A
up to 415 V
16 A
20 A
23 A
63 A
75 A
40 A
63 A
80 A
440 V
16 A
20 A
23 A
63 A
65 A
40 A
63 A
65 A
500 V
16 A
20 A
23 A
45 A
58 A
40 A
63 A
60 A
690 V
10 A
11 A
12 A
20 A
20 A
40 A
40 A
40 A
Rated conditional short-
circuit current Iq (r.m.s.)
and corresponding max.
Allowed cut-off current Îc
of fuse. The cut-off current
Îc referes to values listed
by fuse manufacturers
(single phase test acc. To
IEC60269)
Iq 50kA, 415V
Max. OFA_
fuse size
Îc
6.5 kA
6.5 kA
6.5 kA
13 kA
13 kA
16.5 kA
16.5 kA
16.5 kA
gG/aM
40 A/32 A
40 A/3 2A
40 A/32 A
100 A/80 A
100 A/80 A
125 A/125 A 125 A/125 A 125 A/125 A
Iq 10kA, 690V
Max. OFA_
fuse size
Îc
–
–
–
–
–
8.2 kA
8.2 kA
8.2 kA
gG/aM
–
–
–
–
–
125 A/100 A 125 A/100 A 125 A/100 A
Iq 50kA, 690V
Max. OFA_
fuse size
Îc
4 kA
4 kA
4 kA
11 kA
11 kA
10 kA
10 kA
10 kA
gG/aM
25 A/16 A
25 A/16 A
25 A/16 A
80 A/63 A
80 A/63 A
63 A/63 A
63 A/63 A
63 A/63 A
Rated short-time
withstand current
r.m.s. -value
Icw
690 V, 1 s
0.5 kA
0.5 kA
0.5 kA
1 kA
1.5 kA
2.5 kA
2.5 kA
2.5 kA
Rated short circuit
making capacity
Peak value Icm
690 V/500 V
0.71 kA
0.71 kA
0.71 kA
1.4 kA
2.1 kA
3.6 kA
3.6 kA
3.6 kA
Power loss / pole
At rated operational
current
0.3 W
0.6 W
1.6 W
2.8 W
4.5 W
0.7 W
1.6 W
4.0 W
Mechanical endurance
Divide by two for
operation cycles
20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper.
Weight without
accessories
3-pole
0.11 kg
0.11 kg
0.11 kg
0.27 kg
0.27 kg
0.36 kg
0.36 kg
0.36 kg
4-pole
0.15 kg
0.15 kg
0.15 kg
0.35 kg
0.35 kg
0.50 kg
0.50 kg
0.50 kg
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
17
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com